Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD2001D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMD2001D
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD2001D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMD2001D Datasheet HTML 6Page - NXP Semiconductors PMD2001D Datasheet HTML 7Page - NXP Semiconductors PMD2001D Datasheet HTML 8Page - NXP Semiconductors PMD2001D Datasheet HTML 9Page - NXP Semiconductors PMD2001D Datasheet HTML 10Page - NXP Semiconductors PMD2001D Datasheet HTML 11Page - NXP Semiconductors PMD2001D Datasheet HTML 12Page - NXP Semiconductors PMD2001D Datasheet HTML 13Page - NXP Semiconductors PMD2001D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PMD2001D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 August 2009
10 of 15
NXP Semiconductors
PMD2001D
MOSFET driver
8.
Test information
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 15. TR2 (PNP): Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 16. TR2 (PNP): Collector-emitter saturation
voltage as a function of collector current;
typical values
006aaa780
IC (mA)
−10−1
−103
−1
−102
−10
−10−1
−1
VCEsat
(V)
−10−2
(1)
(2)
(3)
006aaa781
−1
−10−2
IC (mA)
−10−1
−103
−1
−102
−10
−10−1
(1)
(2)
(3)
VCEsat
(V)
IC = 0.15 A; VI = 7.5 V; R1 = 56 Ω; RE =47 Ω
Fig 17. Test circuit for switching times
006aaa858
450
Ω
(probe)
VI
R1
TR1
TR2
RE
VCC
VO
oscilloscope
oscilloscope
450
Ω
(probe)
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com