Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD4002K Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMD4002K
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD4002K Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMD4002K Datasheet HTML 3Page - NXP Semiconductors PMD4002K Datasheet HTML 4Page - NXP Semiconductors PMD4002K Datasheet HTML 5Page - NXP Semiconductors PMD4002K Datasheet HTML 6Page - NXP Semiconductors PMD4002K Datasheet HTML 7Page - NXP Semiconductors PMD4002K Datasheet HTML 8Page - NXP Semiconductors PMD4002K Datasheet HTML 9Page - NXP Semiconductors PMD4002K Datasheet HTML 10Page - NXP Semiconductors PMD4002K Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMD4002K_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2006
7 of 15
NXP Semiconductors
PMD4002K
MOSFET driver
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NPN transistor
ICBO
collector-base cut-off
current
VCB =40V; IE =0A
-
-
10
nA
VCB =40V; IE =0A;
Tj = 150 °C
--10
µA
hFE
DC current gain
VCE =5V; IC = 1 mA
100
210
-
VCE =5V; IC = 200 mA
100
170
300
VCE =5V; IC = 500 mA
[1] 50
100
-
VCEsat
collector-emitter
saturation voltage
IC = 200 mA; IB = 20 mA
-
150
250
mV
IC = 500 mA; IB =50mA
[1] -
300
500
mV
VBEsat
base-emitter saturation
voltage
IC = 200 mA; IB = 20 mA
-
0.86
1
V
IC = 500 mA; IB =50mA
[1] -
0.95
1.1
V
VBE
base-emitter voltage
VCE =5V; IC = 300 mA
-
830
-
mV
Diode
VF
forward voltage
IF = −200 mA
[1] --
−1.1
V
Device
td
delay time
IC = 0.15 A; IB = 5 mA
-
6
-
ns
tr
rise time
-
21
-
ns
ton
turn-on time
-
27
-
ns
ts
storage time
-
484
-
ns
tf
fall time
-
120
-
ns
toff
turn-off time
-
604
-
ns
Device with optional capacitor C1
td
delay time
IC = 0.15 A; IB = 5 mA;
C1 = 1 nF
-3
-
ns
tr
rise time
-
1
-
ns
ton
turn-on time
-
4
-
ns
ts
storage time
-
23
-
ns
tf
fall time
-
41
-
ns
toff
turn-off time
-
64
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com