Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD4002K Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMD4002K
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD4002K Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMD4002K Datasheet HTML 4Page - NXP Semiconductors PMD4002K Datasheet HTML 5Page - NXP Semiconductors PMD4002K Datasheet HTML 6Page - NXP Semiconductors PMD4002K Datasheet HTML 7Page - NXP Semiconductors PMD4002K Datasheet HTML 8Page - NXP Semiconductors PMD4002K Datasheet HTML 9Page - NXP Semiconductors PMD4002K Datasheet HTML 10Page - NXP Semiconductors PMD4002K Datasheet HTML 11Page - NXP Semiconductors PMD4002K Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PMD4002K_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2006
8 of 15
NXP Semiconductors
PMD4002K
MOSFET driver
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
(4) Tamb = 125 °C
(5) Tamb = 150 °C
Tamb =25 °C
Fig 5.
DC current gain as a function of collector
current; typical values
Fig 6.
Collector current as a function of
collector-emitter voltage; typical values
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 7.
Base-emitter voltage as a function of collector
current; typical values
Fig 8.
Base-emitter saturation voltage as a function of
collector current; typical values
006aaa874
100
200
300
hFE
0
IC (mA)
10−1
103
102
110
(2)
(1)
(3)
(4)
(5)
006aaa875
VCE (V)
010
8
46
2
0.4
0.8
1.2
IC
(A)
0
IB (mA) = 30
27
24
21
18
15
12
9
6
3
006aaa876
0.6
0.8
0.4
1.0
1.2
VBE
(V)
0.2
IC (mA)
10−1
103
102
110
(1)
(2)
(3)
006aaa877
0.6
0.8
0.4
1.0
1.2
VBEsat
(V)
0.2
IC (mA)
10−1
103
102
110
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com