Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCD-24 Datasheet(PDF) 2 Page - Recom International Power

Part # RCD-24
Description  Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24 Datasheet(HTML) 2 Page - Recom International Power

  RCD-24_10 Datasheet HTML 1Page - Recom International Power RCD-24_10 Datasheet HTML 2Page - Recom International Power RCD-24_10 Datasheet HTML 3Page - Recom International Power RCD-24_10 Datasheet HTML 4Page - Recom International Power RCD-24_10 Datasheet HTML 5Page - Recom International Power RCD-24_10 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
I-54
www.recom-electronic.com
REV: 1/2010
Voltage Control (0-15V max)
100%
0%
1V
2V
3V
4V
15V
0.13V
4.5V
Analogue Input Voltage
10V
1
0
PWM Digital Control Signal
Output Current (LED appears dim)
50~
200Hz
Typ.
INNOLINE
DC/DC-Converter
RCD-24
Series
Specifications -Continued
Operating Temperature Range
300mA-350mA
-40°C to +85°C
(free air convection)
500mA
-40°C to +80°C
600mA
-40°C to +75°C
700mA-1A
-40°C to +71°C
1.2A
-40°C to +65°C
Storage Temperature Range
-55°C to +125°C
Overtemperature Shutdown
Internal IC Temperature
150°C typ.
(Auto-restart after cool down)
Temperature Hysteresis
20°C typ.
Maximum Case Temperature
100°C
Thermal Impedance
Natural Convection
55°C/Watt
Case Material (Pinned or Wired Versions)
Non Conductive Black Plastic
Potting Material (Pinned or Wired Versions)
Epoxy (UL94-V0)
Dimensions
Pinned or Wired Versions
22.1 x 12.6 x 8.5mm
SMD
21.0 x 11.4 x 10mm
Weight
Pinned or Wired Versions
4.5g
SMD
1.9g
Soldering Profile
Pinned or Wired Versions
265°C/10 sec. max
SMD
245°C/30 sec. max
Packing Quantities
Pinned Versions
39pcs per Tube
SMD Versions
32pcs per Tube
400pcs per Reel
(Refer to App Notes for Tube sizes)
Wired Versions
5pcs per Bag
PWM Dimming and ON/OFF Control (Leave open if not used)
Remote ON/OFF
DC/DC ON
300mA-700mA
Open or 0V<Vr<0.6V
Threshold Voltages
1A-1.2A
Open or 0V<Vr<0.8V
DC/DC OFF (Standby)
300mA-700mA
0.6<Vr<2.9V
1A-1.2A
1.4<Vr<2.2V
DC/DC OFF (Shutdown)
300mA-700mA
2.9V<Vr<6V
1A-1.2A
2.2V<Vr<15V
Remote Pin Drive Current
Vr=5V
1mA max
Quiescent Input Current in Shutdown Mode
Vin=36V
200μA max
Maximum PWM Frequency
For Linear Operation
20 -200Hz
(measured 10%~90% Dimming)
Maximum Frequency
2000Hz
Analogue Dimming Control (leave open if not used)
Input Voltage Range
-0.3V - 15V
Control Voltage Range Limits
Full On
0.13V ± 50mV
(see Graph)
Full Off
4.5V ± 50mV
Analogue Pin Drive Current
Vc=5V
0.2mA max.
Environmental
Relative Humidity
5% to 95% RH, non-condensing
/W Versions
IP67
Conducted Emissions
(all series, see note)
EN55022
Class B
Radiated Emissions
(all series except 700mA)
EN55022
Class B
ESD
(all series)
EN61000-4-2
Class A
Radiated Immunity
(all series)
EN61000-4-3
Class A
Fast Transient
(all series)
EN61000-4-4
Class A
Conducted Immunity
(all series)
EN61000-4-6
Class A
MTBF (RCD-24-0.70, Nominal Vin, Full Load)
+25°C
605 x 10³ hours
using MIL-HDBK 217F
+71°C
516 x 10³ hours
Note: Requires an input filter to meet EN55022 ClassB conducted emissions - see next page
Analogue Dimming
Digital Dimming
Output Current (LED appears bright)
PWM Digital Control Signal
1
0
50~
200Hz
Typ.
Combined PWM and Analogue Dimming
0
1
Max*
0
PWM Digital Control Signal
Output Current
* Max output current can also be set using Analogue input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com