Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCD-24 Datasheet(PDF) 5 Page - Recom International Power

Part # RCD-24
Description  Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24 Datasheet(HTML) 5 Page - Recom International Power

  RCD-24_10 Datasheet HTML 1Page - Recom International Power RCD-24_10 Datasheet HTML 2Page - Recom International Power RCD-24_10 Datasheet HTML 3Page - Recom International Power RCD-24_10 Datasheet HTML 4Page - Recom International Power RCD-24_10 Datasheet HTML 5Page - Recom International Power RCD-24_10 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-international.com
I-57
REV:1/2010
INNOLINE
DC/DC-Converter
RCD-24
Series
Package Style and Pinning
3rd angle
projection
Bottom View
Top View
6
1
3
2
4
5
2.54
2.54
1.90ø SMT Pad
6.6
3.380
2.54
17.8
21.00
1.8
1.0
11.42
7.6
1.9
Solderball
Pin after
Reflow
1.90
3.180
SMD Version
XX.X
± 0.5 mm
XX.XX ± 0.25 mm
XX.XXX ± 0.01 mm
Pin Connections
RCD-24 SMD Series
Pin #
Out
Comments
1
+Vin
DC Supply
2
Analogue Dimming
Leave open if not used
3
PWM/ON/OFF
Leave open if not used
4
GND
Do not connect to -Vout
5
-Vout
LED Cathode Connection
6
+Vout
LED Anode Connection
Due to the compact size of the Open Frame version, a product code label is used instead of the whole part number.
The product code consists of RCD xxxx (where xxxx is the datecode) followed by an 8 digit reference code, e.g.
= RCD-24-0.35/SMD/OF, manufactured in Week 1 of 2010.
RCD 1001
80999186
Bottom View
Top View
6
1
3
2
4
5
7.62
2.54
1.00ø+0.15/–0
0.6
8.50
12.55
4.1
2.54
17.5
22.10
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Tolerance ± 0.1 mm
Pin Connections
RCD-24 Series
Pin #
Out
Comments
1
+Vin
DC Supply
2
Analogue Dimming
Leave open if not used
3
PWM/ON/OFF
Leave open if not used
4
GND
Do not connect to -Vout
5
-Vout
LED Cathode Connection
6
+Vout
LED Anode Connection
Leave 1 mm space arround case on PCB
Recommended Footprint Details
Pinned Version
The reference codes for standard parts are:
RCD-24-0.30/SMD/OF = 80999199
RCD-24-0.35/SMD/OF = 80999186
RCD-24-0.50/SMD/OF = 80999200
RCD-24-0.60/SMD/OF = 80999201
RCD-24-0.70/SMD/OF = 80999202
Other custom or semi-custom parts may have
different reference codes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com