Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXC2012DTI Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXC2012DTI
Description  High Volume Sensor for Low Pressure Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXC2012DTI Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXC2012DTI Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 5Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MPXC2011DT1
Sensors
Freescale Semiconductor
3
Pressure
MAXIMUM RATINGS
OPERATING CHARACTERISTICS
Table 1. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (Backside)
Pmax
75
kPa
Storage Temperature
Tstg
-25 to +85
°C
Operating Temperature
TA
+15 to +40
°C
Table 2. Operating Characteristics (VS = 10 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
POP
0—
10
kPa
Supply Voltage(2)
VS
—3
10
Vdc
Supply Current
Io
—6.0
—
mAdc
Full Scale Span(3)
VFSS
24
25
26
mV
Offset(4)
Voff
-1.0
—
1.0
mV
Sensitivity
ΔV/ΔP—
2.5
—
mV/kPa
Linearity(5)
—
-1.0
—
1.0
%VFSS
Pressure Hysteresis(5) (0 to 10 kPa)
——
±0.1
—
%VFSS
Temperature Hysteresis(5) (+15
°C to +40°C)
——
±0.1
—
%VFSS
Temperature Effect on Full Scale Span(5)
TCVFSS
-1.0
—
1.0
%VFSS
Temperature Effect on Offset(5)
TCVoff
-1.0
—
1.0
mV
Input Impedance
Zin
1300
—
2550
Ω
Output Impedance
Zout
1400
—
3000
Ω
Response Time(6) (10% to 90%)
tR
—1.0
—
ms
Warm-Up
—
—
20
v
ms
Offset Stability(7)
——
±0.5
—
%VFSS
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
5. Accuracy (error budget) consists of the following:
Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
Temperature Hysteresis:
Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative to 25°C.
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
7. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com