Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXC2012DTI Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXC2012DTI
Description  High Volume Sensor for Low Pressure Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXC2012DTI Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXC2012DTI Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXC2012DTI Datasheet HTML 5Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MPXC2011DT1
Rev 8, 04/2010
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2006, 2008-2010. All rights reserved.
Pressure
High Volume Sensor for Low
Pressure Applications
Freescale Semiconductor has developed a low cost, high volume, miniature
pressure sensor package which is ideal as a sub-module component or a
disposable unit. The unique concept of the Chip Pak allows great flexibility in
system design while allowing an economic solution for the designer. This new
chip carrier package uses Freescale Semiconductor's unique sensor die with its
piezoresistive technology, along with the added feature of on-chip, thin-film
temperature compensation and calibration.
NOTE: Freescale Semiconductor is also offering the Chip Pak package in
application-specific configurations, which will have an “SPX” prefix,
followed by a four-digit number, unique to the specific customer
Features
• Low Cost
• Integrated Temperature Compensation and Calibration
• Ratiometric to Supply Voltage
• Polysulfone Case Material (ISO 10993)
• Provided in Easy-to-Use Tape and Reel
NOTE: The die and wire bonds are exposed on the front side of the Chip Pak (pressure is applied to the backside of the device).
Front side die and wire protection must be provided in the customer's housing. Use caution when handling the devices
during all processes.
ORDERING INFORMATION
Device Name
Package Options
Case
No.
Pressure Type
Device Marking
Gauge
Differential
Absolute
MPXC2011DTI
Tape and Reel
423A
•
Date Code, Lot ID
MPXC2012DTI
Tape and Reel
423A
•
Date Code, Lot ID
MPXC2011DT1
Pressure Sensors
0 to 75 mmHg
(0 to 10 kPa)
MPXC2012DT1
CHIP PAK PACKAGE
MPXC2011DT1/MPXC2012DT1
CASE 423A-03
Application Examples
• Respiratory Diagnostics
• Air Movement Control
• Controllers
• Pressure Switching


Similar Part No. - MPXC2012DTI

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXC2012DTI FREESCALE-MPXC2012DTI Datasheet
61Kb / 5P
High Volume Sensor for Low Pressure Applications
More results

Similar Description - MPXC2012DTI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXC2011DT1 MOTOROLA-MPXC2011DT1 Datasheet
97Kb / 4P
High Volume Sensor for Low Pressure Applications
logo
Freescale Semiconductor...
MPX2300DT1 FREESCALE-MPX2300DT1 Datasheet
100Kb / 4P
High Volume Pressure Sensor For Disposable Applications
MPXC2011DT1 FREESCALE-MPXC2011DT1 Datasheet
125Kb / 4P
High Volume Sensor for Low Pressure Applications
MPX2301DT1 FREESCALE-MPX2301DT1 Datasheet
58Kb / 5P
High Volume Pressure Sensor for Disposable Applications
MPXC2012DT1 FREESCALE-MPXC2012DT1 Datasheet
61Kb / 5P
High Volume Sensor for Low Pressure Applications
MPX2300DT1 FREESCALE-MPX2300DT1_10 Datasheet
63Kb / 5P
High Volume Pressure Sensor for Disposable Applications
MPXC2011DT1 FREESCALE-MPXC2011DT1_12 Datasheet
53Kb / 6P
High Volume Sensor for Low Pressure Applications
MPX2300DT1 FREESCALE-MPX2300DT1_12 Datasheet
52Kb / 6P
High Volume Pressure Sensor for Disposable Applications
logo
List of Unclassifed Man...
SLG ETC2-SLG Datasheet
438Kb / 7P
Ultra High Pressure Flow Sensor for LC Applications
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
Designed specifically for high volume applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com