Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21 Datasheet(PDF) 6 Page - Sensitron

Part # SHT21
Description  Humidity and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHT21 Datasheet(HTML) 6 Page - Sensitron

Back Button SHT21 Datasheet HTML 2Page - Sensitron SHT21 Datasheet HTML 3Page - Sensitron SHT21 Datasheet HTML 4Page - Sensitron SHT21 Datasheet HTML 5Page - Sensitron SHT21 Datasheet HTML 6Page - Sensitron SHT21 Datasheet HTML 7Page - Sensitron SHT21 Datasheet HTML 8Page - Sensitron SHT21 Datasheet HTML 9Page - Sensitron SHT21 Datasheet HTML 10Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet SHT21
www.sensirion.com
Version 1.0 – January 2010
6/12
of MCUs.
See Table 4 and Table 5 for detailed I/O
characteristic of the sensor.
4 Electrical Characteristics
4.1
Absolute Maximum Ratings
The electrical characteristics of SHT2x are defined in
Table 1. The absolute maximum ratings as given in Table
3 are stress ratings only and give additional information.
Functional operation of the device at these conditions is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect the sensor
reliability (e.g. hot carrier degradation, oxide breakdown).
Parameter
min
max
Units
VDD to VSS
-0.3
5
V
Digital IO Pins (SDA, SCL)
to VSS
-0.3
VDD + 0.3
V
Input Current on any Pin
-100
100
mA
Table 3 Electrical absolute maximum ratings
ESD immunity is qualified according to MIL STD 883E,
method 3015 (Human Body Model at 2 kV). Latch-up
immunity is provided at a force current of 100mA with
Tamb = 80°C according to JEDEC78A. For exposure
beyond named limits the sensor needs additional
protection circuit.
4.2
Input / Output Characteristics
The electrical characteristics such as power consumption,
low and high level input and output voltages depend on
the supply voltage. For proper communication with the
sensor it is essential to make sure that signal design is
strictly within the limits given in Table 4 & 5 and Figure 10.
Parameter
Conditions
min
typ
max
Units
Output Low
Voltage, VOL
VDD = 3.0 V,
-4 mA < IOL < 0mA
0
-
0.4
V
Output High
Voltage, VOH
70%
VDD
-
VDD
V
Output Sink
Current, IOL
-
-
-4
mA
Input Low
Voltage, VIL
0
-
30%
VDD
V
Input High
Voltage, VIH
70%
VDD
-
VDD
V
Input Current
VDD = 3.6 V,
VIN = 0 V to 3.6 V
-
-
±1
uA
Table 4 DC characteristics of digital input/output pads. VDD =
2.1 V to 3.6 V, T = -40 °C to 125 °C, unless otherwise noted.
Figure 10
Timing Diagram for Digital Input/Output Pads,
abbreviations are explained in Table 5. SDA directions are seen
from the sensor. Bold SDA line is controlled by the sensor, plain
SDA line is controlled by the micro-controller. Both valid times
(SDA read and SDA write) refer to the left SCL toggle.
Parameter
min
typ
max
Units
SCL frequency, fSCL
0
-
0.4
MHz
SCL High Time, tSCLH
0.6
-
-
µs
SCL Low Time, tSCLL
1.3
-
-
µs
SDA Set-Up Time, tSU
100
-
-
ns
SDA Hold Time, tHD
0
-
900
ns
SDA Valid Time, tVD
0
-
400
ns
SCL/SDA Fall Time, tF
0
-
100
ns
SCL/SDA Rise Time, tR
0
-
300
ns
Capacitive Load on Bus Line, CB
0
-
400
pF
Table 5 Timing specifications of digital input/output pads for I2C
fast mode. Entities are displayed in Figure 10. VDD = 2.1V to
3.6V, T = -40°C to 125°C, unless otherwise noted.
5 Communication with Sensor
SHT21 communicates with true I2C protocol. For
information on I2C beyond the information in the following
Sections please refer to the following website:
http://www.standardics.nxp.com/support/i2c/.
Please note that all sensors are set to the same I2C
address, as defined in Section 5.3. 15
Furthermore, please note, that Sensirion provides a
sample
code
on
its
home
page
–
compare
www.sensirion.com/sht21.
5.1
Start Up Sensor
As a first step, the sensor is powered up to the chosen
supply voltage VDD (between 2.1 V and 3.6 V). After
power-up, the sensor needs at most 15 ms, while SCL is
high, for reaching idle state, i.e. to be ready accepting
15 For sensors with alternative I2C address please contact Sensirion via
info@sensirion.com.
SCL
70%
30%
tSCKL
1/fSCK
tSCKH
tR
tF
SDA
70%
30%
tSU
tHD
SDA valid read
DATA IN
tR
SDA
70%
30%
DATA OUT
tVD
tF
SDA valid write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com