Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21 Datasheet(PDF) 1 Page - Sensitron

Part # SHT21
Description  Humidity and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHT21 Datasheet(HTML) 1 Page - Sensitron

  SHT21 Datasheet HTML 1Page - Sensitron SHT21 Datasheet HTML 2Page - Sensitron SHT21 Datasheet HTML 3Page - Sensitron SHT21 Datasheet HTML 4Page - Sensitron SHT21 Datasheet HTML 5Page - Sensitron SHT21 Datasheet HTML 6Page - Sensitron SHT21 Datasheet HTML 7Page - Sensitron SHT21 Datasheet HTML 8Page - Sensitron SHT21 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.sensirion.com
Version 1.0 – January 2010
1/12
Datasheet SHT21
Humidity and Temperature Sensor
 Fully calibrated
 Digital output, I2C interface
 Low power consumption
 Excellent long term stability
 DFN type package – reflow solderable
Dimensions
Figure 1:
Drawing of SHT21 sensor package, dimensions are
given in mm (1mm = 0.039inch), tolerances are ±0.1mm. Die
pad (centre pad) is internally connected to VSS. NC are floating.
VSS = GND, SDA = DATA.
Sensor Chip
SHT21 features a generation 4C CMOSens® chip.
Besides the capacitive relative humidity sensor and the
band gap temperature sensor, the chip contains an
amplifier, A/D converter, OTP memory and a digital
processing unit.
Material Contents
While the sensor itself is made of Silicon the sensors’
housing consists of a plated Cu lead-frame and green
epoxy-based mold compound. The device is fully RoHS
and WEEE compliant, e.g. free of Pb, Cd and Hg.
Additional Information and Evaluation Kits
Additional information such as Application Notes is
available from the web page www.sensirion.com/sht21.
For more information please contact Sensirion via
info@sensirion.com.
For SHT21 two Evaluation Kits are available: EK-H4, a
four-channel device with viewer software, that also serves
for data-logging, and a simple EK-H5 directly connecting
one sensor via USB port to a computer.
1.0
1.0
2.4
0.3
0.4
1.1
SCL
SDA
NC
NC
VSS
VDD
Bottom View
3.0
2.2
0.8 typ
0.3 typ
Product Summary
SHT21, the new humidity and temperature sensor of
Sensirion is about to set new standards in terms of size
and intelligence: Embedded in a reflow solderable Dual
Flat No leads (DFN) package of 3 x 3mm foot print and
1.1mm height it provides calibrated, linearized signals in
digital, true I2C format.
With a completely new designed CMOSens® chip, a
reworked capacitive type humidity sensor and an
improved band gap temperature sensor the performance
has been lifted even beyond the outstanding level of the
previous sensor generation (SHT1x and SHT7x). For
example, measures have been taken to stabilize the
behavior at high humidity levels.
Every sensor is individually calibrated and tested. Lot
identification is printed on the sensor and an electronic
identification code is stored on the chip – which can be
read out by command. Furthermore, the resolution of
SHT21 can be changed by command (8/12bit up to
12/14bit for RH/T), low battery can be detected and a
checksum helps to improve communication reliability.
With made improvements and the miniaturization of the
sensor the performance-to-price ratio has been improved
– and eventually, any device should benefit from the
cutting edge energy saving operation mode. For testing
SHT21 a new evaluation Kit EK-H4 is available.


Similar Part No. - SHT21

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT21 SENSIRION-SHT21 Datasheet
413Kb / 14P
Humidity and Temperature Sensor IC
Version 5 - October 2022
logo
List of Unclassifed Man...
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
Humidity and Temperature Sensor IC
SHT21S ETC2-SHT21S Datasheet
422Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
More results

Similar Description - SHT21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Silicon Laboratories
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com