Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP268VG-TL Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP268VG-TL
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP268VG-TL Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP268VG-TL Datasheet HTML 1Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 2Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 3Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 4Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 5Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 6Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 7Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 8Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TOP264-271
TOPSwitch-JX Family
www.powerint.com
March 2010
Integrated Off-Line Switcher with EcoSmart®Technology
for Highly Efficient Power Supplies
®
Product Highlights
EcoSmart® - Energy Efficient
•
Energy efficient over entire load range
•
No-load consumption below 100 mW at 265 VAC
•
Up to 750 mW standby output power for 1 W input at 230 VAC
High Design Flexibility for Low System Cost
•
Multi-mode PWM control maximizes efficiency at all loads
•
132 kHz operation reduces transformer and power supply size
•
66 kHz option for highest efficiency requirements
•
Accurate programmable current limit
•
Optimized line feed-forward for line ripple rejection
•
Frequency jittering reduces EMI filter cost
•
Fully integrated soft-start for minimum startup stress
•
725 V rated MOSFET
•
Simplifies meeting design derating requirements
Extensive Protection Features
•
Auto-restart limits power delivery to <3% during overload faults
•
Output short-circuit protection (SCP)
•
Output over-current protection (OCP)
•
Output overload protection (OPP)
•
Output overvoltage protection (OVP)
•
User programmable for hysteretic/latching shutdown
•
Simple fast AC reset
•
Primary or secondary sensed
•
Line undervoltage (UV) detection prevents turn-off glitches
•
Line overvoltage (OV) shutdown extends line surge withstand
•
Accurate thermal shutdown with large hysteresis (OTP)
Advanced Package Options
•
eDIP™-12 package:
•
Low profile horizontal orientation for ultra-slim designs
Figure 1.
Typical Flyback Application.
•
Heat transfer to both PCB and heat sink
•
Optional external heat sink provides thermal impedance
equivalent to a TO-220
•
eSIP®-7C package:
•
Vertical orientation for minimum PCB footprint
•
Simple heat sink mounting using clip provides thermal
impedance equivalent to a TO-220
•
Extended creepage to DRAIN pin
•
Heat sink is connected to SOURCE for low EMI
Description
TOPSwitch-JX cost effectively incorporates a 725 V power
MOSFET, high voltage switched current source, multi-mode
PWM control, oscillator, thermal shutdown circuit, fault
protection and other control circuitry onto a monolithic device.
PI-5578-090309
AC
IN
DC
OUT
D
S
C
TOPSwitch-JX
CONTROL
V
+
-
F
X
Table 1. Output Power Table.
Notes:
1. See Key Application Considerations section for more details.
2. Minimum continuous power in a typical non-ventilated enclosed adapter measured at +50 °C ambient temperature.
3. Minimum continuous power in an open frame design at +50 °C ambient temperature.
4. 230 VAC or 110/115 VAC with doubler.
5. Packages: E: eSIP-7C, V: eDIP-12. See Part Ordering Information section.
Output Power Table
PCB Copper Area1
Metal Heat Sink1
Product5
230 VAC ±15%4
85-265 VAC
Product5
230 VAC ±15% 4
85-265 VAC
Adapter2
Open
Frame3
Adapter2
Open
Frame3
Adapter2
Open
Frame3
Adapter2
Open
Frame3
TOP264VG
21 W
34 W
12 W
22.5 W
TOP264EG/VG
30 W
62 W
20 W
43 W
TOP265VG
22.5 W
36 W
15 W
25 W
TOP265EG/VG
40 W
81 W
26 W
57 W
TOP266VG
24 W
39 W
17 W
28.5 W
TOP266EG/VG
60 W
119 W
40 W
86 W
TOP267VG
27.5 W
44 W
19 W
32 W
TOP267EG/VG
85 W
137 W
55 W
103 W
TOP268VG
30 W
48 W
21.5 W
36 W
TOP268EG/VG
105 W
148 W
70 W
112 W
TOP269VG
32 W
51 W
22.5 W
37.5 W
TOP269EG/VG
128 W
162 W
80 W
120 W
TOP270VG
34 W
55 W
24.5 W
41 W
TOP270EG/VG
147 W
190 W
93 W
140 W
TOP271VG
36 W
59 W
26 W
43 W
TOP271EG/VG
177 W
244 W
118 W
177 W


Similar Part No. - TOP268VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP268VG-TL POWERINT-TOP268VG-TL Datasheet
2Mb / 40P
Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies
May 2015
More results

Similar Description - TOP268VG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234PN POWERINT-TOP234PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234G-TL POWERINT-TOP234G-TL Datasheet
644Kb / 36P
Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
TOP270KG-TL POWERINT-TOP270KG-TL Datasheet
2Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
LNK3202P POWERINT-LNK3202P Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
June 2022
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP264 POWERINT-TOP264_V01 Datasheet
2Mb / 40P
Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies
May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com