Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP268VG-TL Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP268VG-TL
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP268VG-TL Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP268VG-TL Datasheet HTML 8Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 9Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 10Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 11Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 12Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 13Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 14Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 15Page - Power Integrations, Inc. TOP268VG-TL Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Rev. B 03/10
12
TOP264-271
www.powerint.com
Typical Uses of FREQUENCY (F) Pin
PI-2654-071700
DC
Input
Voltage
+
-
D
S
C
CONTROL
F
PI-2655-071700
DC
Input
Voltage
+
-
D
S
C
CONTROL
F
Figure 10. Full Frequency Operation (132 kHz).
Figure 11. Half Frequency Operation (66 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com