Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMGD780SN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMGD780SN
Description  Dual N-channel 關TrenchMOS standard level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMGD780SN Datasheet(HTML) 2 Page - NXP Semiconductors

  PMGD780SN Datasheet HTML 1Page - NXP Semiconductors PMGD780SN Datasheet HTML 2Page - NXP Semiconductors PMGD780SN Datasheet HTML 3Page - NXP Semiconductors PMGD780SN Datasheet HTML 4Page - NXP Semiconductors PMGD780SN Datasheet HTML 5Page - NXP Semiconductors PMGD780SN Datasheet HTML 6Page - NXP Semiconductors PMGD780SN Datasheet HTML 7Page - NXP Semiconductors PMGD780SN Datasheet HTML 8Page - NXP Semiconductors PMGD780SN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PMGD780SN_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 April 2010
2 of 14
NXP Semiconductors
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
3. Ordering information
4. Limiting values
[1]
Single device conducting.
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PMGD780SN
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25
°C ≤ Tj ≤ 150 °C-
60
V
VDGR
drain-gate voltage
25
°C ≤ Tj ≤ 150 °C; RGS =20kΩ
-60
V
VGS
gate-source voltage
-
±20
V
ID
drain current
Tsp =25 °C; VGS =10V; Figure 2 and 3
[1] -0.49
A
Tsp =100 °C; VGS =10 V; Figure 2
[1] -0.31
A
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 μs; Figure 3
[1] -0.99
A
Ptot
total power dissipation
Tsp =25 °C; Figure 1
-0.41
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source current
Tsp =25 °C
[1] -0.34
A
ISM
peak source current
Tsp =25 °C; pulsed; tp ≤ 10 μs
[1] -0.69
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com