Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMGD780SN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMGD780SN
Description  Dual N-channel 關TrenchMOS standard level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMGD780SN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMGD780SN Datasheet HTML 1Page - NXP Semiconductors PMGD780SN Datasheet HTML 2Page - NXP Semiconductors PMGD780SN Datasheet HTML 3Page - NXP Semiconductors PMGD780SN Datasheet HTML 4Page - NXP Semiconductors PMGD780SN Datasheet HTML 5Page - NXP Semiconductors PMGD780SN Datasheet HTML 6Page - NXP Semiconductors PMGD780SN Datasheet HTML 7Page - NXP Semiconductors PMGD780SN Datasheet HTML 8Page - NXP Semiconductors PMGD780SN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1. Product profile
1.1 General description
Dual N-channel enhancement mode field-effect transistor in a small SOT363 (SC-88)
Surface-Mounted Device (SMD) plastic package using TrenchMOS technology.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
2. Pinning information
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
Rev. 02 — 19 April 2010
Product data sheet
Surface-mounted package
Footprint 40 % smaller than SOT23
Standard level threshold voltage
Fast switching
Low on-state resistance
Dual device
Driver circuits
Switching in portable appliances
VDS ≤ 60 V
ID ≤ 0.49 A
Ptot ≤ 0.41 W
RDSon ≤ 920 mΩ
Table 1.
Pinning - SOT363 (SC-88), simplified outline and symbol
Pin
Description
Simplified outline
Graphic symbol
1
source1 (S1)
SOT363 (SC-88)
2
gate1 (G1)
3
drain2 (D2)
4
source2 (S2)
5
gate2 (G2)
6
drain1 (D1)
13
2
4
5
6
S1
D1
G1 S2
msd901
D2
G2


Similar Part No. - PMGD780SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMGD780SN PHILIPS-PMGD780SN Datasheet
94Kb / 12P
Dual N-channel mTrenchMOS standard level FET
Rev. 01-11 February 2004
logo
Nexperia B.V. All right...
PMGD780SN NEXPERIA-PMGD780SN Datasheet
338Kb / 15P
Dual N-channel μTrenchMOS standard level FET
Rev. 02 - 19 April 2010
More results

Similar Description - PMGD780SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
BUK7K25-40E PHILIPS-BUK7K25-40E_15 Datasheet
294Kb / 13P
Dual N-channel TrenchMOS standard level FET
23 April 2013
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK7514-60E NEXPERIA-BUK7514-60E Datasheet
330Kb / 13P
N-channel TrenchMOS standard level FET
BUK7606-55B NEXPERIA-BUK7606-55B Datasheet
947Kb / 14P
N-channel TrenchMOS standard level FET
BUK7E2R3-40E NEXPERIA-BUK7E2R3-40E Datasheet
723Kb / 13P
N-channel TrenchMOS standard level FET
BUK7E3R5-60E NEXPERIA-BUK7E3R5-60E Datasheet
720Kb / 12P
N-channel TrenchMOS standard level FET
BUK7K25-40E NEXPERIA-BUK7K25-40E Datasheet
731Kb / 13P
Dual N-channel TrenchMOS standard level FET
PHKD3NQ10T NEXPERIA-PHKD3NQ10T Datasheet
296Kb / 13P
Dual N-channel TrenchMOS standard level FET
Rev. 02 - 16 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com