Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4448 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMLL4448
Description  High-speed switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMLL4448 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMLL4448 Datasheet HTML 1Page - NXP Semiconductors PMLL4448 Datasheet HTML 2Page - NXP Semiconductors PMLL4448 Datasheet HTML 3Page - NXP Semiconductors PMLL4448 Datasheet HTML 4Page - NXP Semiconductors PMLL4448 Datasheet HTML 5Page - NXP Semiconductors PMLL4448 Datasheet HTML 6Page - NXP Semiconductors PMLL4448 Datasheet HTML 7Page - NXP Semiconductors PMLL4448 Datasheet HTML 8Page - NXP Semiconductors PMLL4448 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMLL4148L_PMLL4448_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 31 January 2007
4 of 11
NXP Semiconductors
PMLL4148L; PMLL4448
High-speed switching diodes
7.
Characteristics
[1]
When switched from IF = 10 mA to IR = 60 mA; RL = 100 Ω; measured at IR = 1 mA.
[2]
When switched from IF = 50 mA; tr =20ns.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
PMLL4148L
IF = 50 mA
--1
V
PMLL4448
IF = 5 mA
620
-
720
mV
IF = 100 mA
-
-
1
V
IR
reverse current
VR = 20 V
--25
nA
VR = 20 V; Tj = 150 °C
--50
µA
IR
reverse current
PMLL4448
VR = 20 V; Tj = 100 °C
--3
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
-
-
4
pF
trr
reverse recovery time
[1] --4
ns
VFR
forward recovery voltage
[2] -
-
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com