Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4448 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMLL4448
Description  High-speed switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMLL4448 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMLL4448 Datasheet HTML 1Page - NXP Semiconductors PMLL4448 Datasheet HTML 2Page - NXP Semiconductors PMLL4448 Datasheet HTML 3Page - NXP Semiconductors PMLL4448 Datasheet HTML 4Page - NXP Semiconductors PMLL4448 Datasheet HTML 5Page - NXP Semiconductors PMLL4448 Datasheet HTML 6Page - NXP Semiconductors PMLL4448 Datasheet HTML 7Page - NXP Semiconductors PMLL4448 Datasheet HTML 8Page - NXP Semiconductors PMLL4448 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PMLL4148L_PMLL4448_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 31 January 2007
5 of 11
NXP Semiconductors
PMLL4148L; PMLL4448
High-speed switching diodes
FR4 PCB, standard footprint
(1) Tj = 175 °C; typical values
(2) Tj =25 °C; typical values
(3) Tj =25 °C; maximum values
Fig 1.
Forward current as a function of ambient
temperature; derating curve
Fig 2.
Forward current as a function of forward
voltage
Based on square wave currents.
Tj =25 °C; prior to surge
(1) VR = 75 V; maximum values
(2) VR = 75 V; typical values
(3) VR = 20 V; typical values
Fig 3.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
Fig 4.
Reverse current as a function of junction
temperature
0
100
200
300
200
0
100
mbg451
Tamb (°C)
IF
(mA)
012
600
0
200
400
mbg464
VF (V)
IF
(mA)
(1)
(2)
(3)
mbg704
10
1
102
IFSM
(A)
10−1
tp (µs)
1104
103
10
102
0
100
Tj (°C)
200
103
102
10−1
10−2
10
(1)
(2)
1
IR
(
µA)
mgd006
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com