Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1337 Datasheet(PDF) 9 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 9 Page - ams AG

Back Button AS1337 Datasheet HTML 5Page - ams AG AS1337 Datasheet HTML 6Page - ams AG AS1337 Datasheet HTML 7Page - ams AG AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG AS1337 Datasheet HTML 10Page - ams AG AS1337 Datasheet HTML 11Page - ams AG AS1337 Datasheet HTML 12Page - ams AG AS1337 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.04
9 - 14
AS1337
Datasheet - D e t a i l e d D e s c r i p t i o n
Shutdown
When pin EN is low the AS1337 is switched off and <1µA current is drawn from battery; when pin EN is high the device
is switched on. If EN is driven from a logic-level output, the logic high-level (on) should be referenced to VOUT to avoid
intermittently switching the device on.
Note: If pin EN is not used, it should be connected directly to pin VOUT.
Caution: Because of the feedthrough the output voltage is the same as the input voltage during shutdown. If VIN >
VOUT the output voltage will jump to the value of the input voltage when the device switches into shut-
down. During normal operation the device is in down conversion mode.
Shutdown Battery Feedthrough (AS1337A)
In shutdown the battery input of the AS1337A is connected to the output through the inductor and the small internal
synchronous rectifier P-FET. This allows the input battery to provide backup power for devices such as an idle micro-
controller, memory, or real-time-clock, without the usual diode forward drop. In this way a separate backup battery is
not needed.
Shutdown Battery Disconnect (AS1337B)
The AS1337B is designed to allow true output disconnect by opening both P-channel MOSFET rectifiers. During Shut-
down VOUT is discharged via the internal NMOS transistor and connected to GND.
POK Function
The POK output indicates if the output voltage is within 88% (typ.) of the nominal voltage level. As long as the output
voltage is within regulation the open-drain POK output is high impedance. The POK output can be tied to VIN or to
VOUT or to any external voltage up to VIN or VOUT via a pull-up resistance (see Figure 1 on page 1). If the output volt-
age drops below 88% (typ.) of the nominal voltage the POK pin is pulled to GND.
Note: It is important to consider that in shutdown mode the POK output is pulled to VIN in order to save current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com