Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1337 Datasheet(PDF) 1 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 1 Page - ams AG

  AS1337 Datasheet HTML 1Page - ams AG AS1337 Datasheet HTML 2Page - ams AG AS1337 Datasheet HTML 3Page - ams AG AS1337 Datasheet HTML 4Page - ams AG AS1337 Datasheet HTML 5Page - ams AG AS1337 Datasheet HTML 6Page - ams AG AS1337 Datasheet HTML 7Page - ams AG AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS1337
200mA, DC-DC Step-Up Converter with Buck Mode
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.04
1 - 14
Datasheet
1 General Description
The AS1337 is a synchronous, fixed frequency,
highefficiency DC-DC boost converter capable of
supplying 3.3V @ 200mA from two AA Cells. Com-
pact size and minimum external parts require-
ments make these devices perfect for modern
portable devices. The AS1337 offers automatic
powersave mode to increase efficiency at light
loads. For input voltages higher than VOUT the
AS1337 will switch in a step down mode, so that a
Buck Boost function is realized.
The AS1337A offers a shutdown mode where the
battery is connected directly to the output enabling
the supply of real-time-clocks or memories.
In the shutdown mode of the AS1337B the battery
is disconnected and the output is discharged.
The AS1337 offers a POK (open-drain) feature
which detects output power fail of 10%.
The AS1337 is available in a TDFN (3x3mm) 8-pin
package.
2 Key Features
!
Input Voltage Range: 0.65V to 4.5V
!
Low Start-Up Voltage: 0.85V
!
Output Voltage Range: 2.5V to 5.0V
!
Delivers 200mA @ 3.3V (from two AA Cell)
!
up to 97% Efficiency
!
High-Speed Fixed-Frequency: 1.2MHz
!
Single-Cell Operation
!
Internal PMOS Synchronous Rectifier
!
Automatic Powersave Operation
!
Anti-Ringing Control Minimizes EMI
!
Logic Controlled Shutdown (< 1µA)
!
TDFN (3x3mm) 8-pin Package
3 Applications
The AS1337 is ideal for low-power applications
where ultra-small size is critical as in medical diag-
nostic equipment, hand-held instruments, pagers,
digital cameras, remote wireless transmitters, MP3
players, LCD bias supplies, cordless phones, GPS
receivers, and PC cards.
Table 1. Standard Products
Model
Operation Mode
AS1337A
Battery Connected in Shutdown
AS1337B
Battery Disconnected in Shutdown
and Output Discharged
VIN = 2xAA
1.6V to 3.6V
Figure 1. AS1337 - Typical Application Diagram – Dual Cell to 3.3V Synchronous Boost Converter
3.6V
1.6V
VOUT=3.3V
Buck Mode
Boost Mode
AS1337
COUT
22µF
L1
4.7µH
VOUT = 3.3V
GND
FB
VIN
EN
PGND
POK
VIN Curve
LX
VOUT
On
Off
CIN
10µF


Similar Part No. - AS1337

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337 Datasheet
811Kb / 16P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337A-BTDT AMSCO-AS1337A-BTDT Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337A-BTDT AMSCO-AS1337A-BTDT Datasheet
811Kb / 16P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337B-BTDT AMSCO-AS1337B-BTDT Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
More results

Similar Description - AS1337

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
200mA Step-Up DC-DC Converter
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
200mA Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
200mA Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com