Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8165 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE8165
Description  Narrow-Band Power-Line Communications Master Modem IC with Networking Stack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8165 Datasheet(HTML) 1 Page - Analog Devices

  ADE8165 Datasheet HTML 1Page - Analog Devices ADE8165 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Narrow-Band Power-Line Communications
Master Modem IC with Networking Stack
ADE8165
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Narrow-band power-line communications IC
Integrates PHY through networking layer
Simple host interface
Application layer
Supports DL/T 645-1997 or -2007 China-specific protocol
as well as passthrough option
Networking layer
Master/slave architecture
Designed to work with ADE8155 slave PLC modem ICs
Supports
Dynamic routing
Automatic discovery of authenticated devices
Logical address management
Data link layer
Automatic baud rate negotiation
Up to 63-byte packet support
Physical layer
CPFSK modulation
Choice of two frequency bands
Carrier frequencies: 105.5 kHz and 118.7 kHz
Carrier frequencies: 74.9 kHz and 84.2 kHz
Up to 800 bps on a 1-phase network and 2400 bps on a
3-phase network
Zero-crossing synchronized receive/transmit
6-byte physical address for logical address assignment
Communication interface
UART
Option to use DL/T 645-1997 or -2007 China-specific
application layer interface
Package and temperature range
40-lead 6 mm × 6 mm LFCSP
Fully specified for −40°C to +85°C operation
GENERAL DESCRIPTION
The ADE81651 incorporates a high performance ADC and
DAC to create a very robust CPFSK power-line communications
IC complete with networking functionality. The ADE8165
master modem IC is designed to work with the ADE8155 slave
modem IC for a complete power-line communication system.
In an advanced metering infrastructure (AMI) scenario, the
ADE8155 slave modem IC is used to connect the energy meter
to the power line. Then the ADE8165 master PLC modem is
used near the transformer to communicate with multiple
meters on one phase. The power-line communication is
independent on each phase; therefore, three ADE8165 master
PLC modem ICs are used in a PLC module within the
concentrator to read meters on all three phases.
A UART communication interface is supported.
For more information on the ADE8165, contact your local sales
office at Analog Devices, Inc.
1 US patents pending.
FUNCTIONAL BLOCK DIAGRAM
PLC_RX+
PLC_RX–
12-BIT
ADC
DEMODULATOR
MODULATOR
DAC
PLC_TX
37
38
6
PHY
ZX 20
RX_LED
11
TXEN
21
DLL
UART
EXTERNAL
MEMORY
INTERFACE
NL
WITH NETWORK
MANAGEMENT FUNCTIONS
RX
TX
RS485_OE
EVENT
10
VDD
15
LDO
VINTD
16
DGND
14
DGND
17
RST
19
AVDD
36
AGND
35
VREF
34
AGND
ADE8165
5
RXEN
33
XTAL0
24
XTAL1
25
OSC
VMON 39
22
23
A1/MISO
SPISCLK
30
A0/MOSI
27
SPICSL
26
28
29
Figure 1.


Similar Part No. - ADE8165

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
Power Line Communications
Rev. PrA
More results

Similar Description - ADE8165

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
NARROW BAND FM IF IC
logo
TOKO, Inc
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
NARROW BAND FM IF IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292_1 Datasheet
131Kb / 6P
NARROW BAND FM IF IC
logo
Analog Devices
ADE8155 AD-ADE8155 Datasheet
73Kb / 2P
Narrow-Band Power-Line Communications Slave Modem IC with Networking Stack
Rev. Sp0
ADE8157 AD-ADE8157 Datasheet
63Kb / 2P
Narrow-Band Power Line
Rev. SpB
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
UM1573 STMICROELECTRONICS-UM1573 Datasheet
774Kb / 27P
ST7540 power line modem firmware stack
12-Nov-2012
logo
Radiometrix Ltd
HNM2-458-19 RADIOMETRIX-HNM2-458-19 Datasheet
317Kb / 5P
High Power Narrow Band Category 1 Radio Modem
LNM2H-458-19 RADIOMETRIX-LNM2H-458-19 Datasheet
593Kb / 13P
High Power Narrow Band Category 1 Radio Modem
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com