Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-0.6-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP1882ARMZ-0.6-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-0.6-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP1882ARMZ-0.6-R7 Datasheet HTML 32Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 33Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 34Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 35Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 36Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 37Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 38Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 39Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 36 of 40
IC SECTION (LEFT SIDE OF EVALUATION BOARD)
A dedicated plane for the analog ground plane (GND) should
be separate from the main power ground plane (PGND). With
the shortest path possible, connect the analog ground plane to
the GND pin (Pin 4). This plane should be on only the top layer
of the evaluation board. To avoid crosstalk interference, there
should not be any other voltage or current pathway directly
below this plane on Layer 2, Layer 3, or Layer 4. Connect the
negative terminals of all sensitive analog components to the
analog ground plane. Examples of such sensitive analog com-
ponents include the bottom resistor of the resistor divider, the
high frequency bypass capacitor for biasing (0.1 μF), and the
compensation network.
Mount a 1 μF bypass capacitor directly across VDD (Pin 5) and
PGND (Pin 7). In addition, a 0.1 μF should be tied across VDD
(Pin 5) and GND (Pin 4).
POWER SECTION
As shown in Figure 84, an appropriate configuration to localize
large current transfer from the high voltage input (VIN) to the out-
put (VOUT), and then back to the power ground, puts the VIN
plane on the left, the output plane on the right, and the main power
ground plane in between the two. Current transfers from the
input capacitors to the output capacitors, through Q1/Q2, during
the on state (see Figure 88). The direction of this current (yellow
arrow) is maintained as Q1/Q2 turns off and Q3/Q4 turns on.
When Q3/Q4 turns on, the current direction continues to be
maintained (red arrow) as it circles from the power ground
terminal of the bulk capacitor to the output capacitors, through
the Q3/Q4. Arranging the power planes in this manner minimizes
the area in which changes in flux occur if the current through
Q1/Q2 stops abruptly. Sudden changes in flux, usually at the
source terminals of Q1/Q2 and the drain terminals of Q3/Q4,
cause large dV/dt’s at the SW node.
VOUT
SW
VIN
PGND
LAYER 1: SENSE LINE FOR SW
(DRAIN OF LOWER MOSFET)
LAYER 1: SENSE LINE FOR PGND
(SOURCE OF LOWER MOSFET)
Figure 88. Primary Current Pathways During the On State of the Upper-Side
MOSFET (Left Arrow) and the On State of the Lower-Side MOSFET (Right Arrow)
The SW node is near the top of the evaluation board. The SW
node should use the least amount of area possible and be kept
away from any sensitive analog circuitry and components because
this is where most sudden changes in flux density occur. When
possible, replicate this pad onto Layer 2 and Layer 3 for thermal
relief and eliminate any other voltage and current pathways directly
beneath the SW node plane. Populate the SW node plane with
vias, mainly around the exposed pad of the inductor terminal and
around the perimeter of the source of Q1/Q2 and the drain of
Q3/Q4. The output voltage power plane (VOUT) is at the right-
most end of the evaluation board. This plane should be replicated,
descending down to multiple layers with vias surrounding the
inductor terminal and the positive terminals of the output bulk
capacitors. Ensure that the negative terminals of the output
capacitors are placed close to the main power ground (PGND),
as previously mentioned. All of these points form a tight circle
(component geometry permitting) that minimizes the area of
flux change as the event switches between D and 1 − D.
DIFFERENTIAL SENSING
Because the ADP1882/ADP1883 operate in valley current-
mode control, a differential voltage reading is taken across the
drain and source of the lower-side MOSFET. The drain of the
lower-side MOSFET should be connected as close as possible to
Pin 9 (SW) of the IC. Likewise, connect the source as close as
possible to Pin 7 (PGND) of the IC. When possible, both of
these track lines should be narrow and away from any other
active device or voltage/current paths.
SW
PGND
Figure 89. Drain/Source Tracking Tapping of the Lower-Side MOSFET for
CS Amp Differential Sensing (Yellow Sense Line on Layer 2)
Differential sensing should also be applied between the outermost
output capacitor to the feedback resistor divider (see Figure 86
and Figure 87). Connect the positive terminal of the output
capacitor to the top resistor (RT). Connect the negative terminal
of the output capacitor to the negative terminal of the bottom
resistor, which connects to the analog ground plane, as well.
Both of these track lines, as previously mentioned, should be
narrow and away from any other active device or voltage/
current paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com