Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-0.6-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1882ARMZ-0.6-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-0.6-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1882ARMZ-0.6-R7 Datasheet HTML 17Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 18Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 19Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 20Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 21Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 22Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 23Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 24Page - Analog Devices ADP1882ARMZ-0.6-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 21
Although the ADP1882/ADP1883 have only four discrete current-
sense gain settings for a given RON variable, Table 6 and Figure 71
outline several available options for the valley current setpoint
based on various RON values.
The valley current limit is programmed as outlined in Table 6
and Figure 71. The inductor chosen must be rated to handle the
peak current, which is equal to the valley current from Table 6
plus the peak-to-peak inductor ripple current (see the Inductor
Selection section). In addition, the peak current value must be
used to compute the worst-case power dissipation in the
MOSFETs (see Figure 72).
Table 6. Valley Current Limit Program1
RON
(mΩ)
Valley Current Level
47 kΩ
22 kΩ
Open
100 kΩ
ACS = 3.4 V/V
ACS = 6.6 V/V
ACS = 26.7 V/V
ACS = 13.4 V/V
1.5
38.5
2
28.8
2.5
23.1
3
38.46
19.2
3.5
32.97
16.5
4.5
25.64
12.8
5
23.08
11.5
5.5
20.98
10.5
10
23.08
11.54
5.77
15
30.769
15.38
7.692
3.85
of 40
18
25.641
12.82
6.41
3.21
1 Refer to Figure 71 for more information and a graphical representation.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
RON (mΩ)
39
37
35
33
31
29
27
25
23
21
19
17
15
13
11
9
7
5
3
RES = 47k
Ω
ACS = 6.6V/V
RES = 22k
Ω
ACS = 3.4V/V
RES = 100k
Ω
ACS = 13.4V/V
RES = OPEN
ACS = 26.7V/V
Figure 71. Valley Current-Limit Value vs. RON of the Lower-Side MOSFET
for Each Programming Resistor (RES)
INDUCTOR
CURRENT
VALLEY CURRENT-LIMIT
THRESHOLD (SET FOR 25A)
ΔI = 33%
OF 30A
COMP
OUTPUT
SWING
COMP
OUTPUT
2.4V
0.9V
0A
35A
30A
32.25A
37A
49A
39.5A
ΔI = 65%
OF 37A
ΔI = 45%
OF 32.25A
MAXIMUM DC LOAD
CURRENT
Figure 72. Valley Current-Limit Threshold in Relation to Inductor Ripple Current
HICCUP MODE DURING SHORT CIRCUIT
A current-limit violation occurs when the current across
the source and drain of the lower-side MOSFET exceeds the
current-limit setpoint. When 32 current-limit violations are
detected, the controller enters the idle mode and turns off the
MOSFETs for 6 ms, allowing the converter to cool down. Then,
the controller reestablishes soft start and begins to cause the
output to ramp up again (see Figure 73). While the output
ramps up, COMP is monitored to determine if the violation is
still present. If it is still present, the idle event occurs again,
followed by the full-chip power-down sequence. This cycle
continues until the violation no longer exists. If the violation
disappears, the converter is allowed to switch normally,
maintaining regulation.
HS
CLIM
ZERO
CURRENT
REPEATED CURRENT-LIMIT
VIOLATION DETECTED
A PREDE
OF PULS
ALLO
TO
TERMINED NUMBER
ES IS COUNTED TO
W THE CONVERTER
COOL DOWN
SOFT START IS
REINITIALIZED TO
MONITOR IF THE
VIOLATION
STILL EXISTS
Figure 73. Idle Mode Entry Sequence Due to Current-Limit Violations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com