Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6510
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6510 Datasheet HTML 17Page - Analog Devices ADRF6510 Datasheet HTML 18Page - Analog Devices ADRF6510 Datasheet HTML 19Page - Analog Devices ADRF6510 Datasheet HTML 20Page - Analog Devices ADRF6510 Datasheet HTML 21Page - Analog Devices ADRF6510 Datasheet HTML 22Page - Analog Devices ADRF6510 Datasheet HTML 23Page - Analog Devices ADRF6510 Datasheet HTML 24Page - Analog Devices ADRF6510 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADRF6510
Rev. 0 | Page 21 of 28
VPSD
COMD
LE
CLK
DATA
SDO
COM
VPS
OPP1
OPM1
COM
GAIN
VOCM
COM
OPM2
OPP2
COM
INP2
INM2
VPS
COM
OFDS
OFS2
VPS
ENBL
INP1
INM1
VPS
COM
GNSW
OFS1
VPS
ADRF6510
VPS
VPS
VPSD
0.1µF
VPS
VPS
VPS
VPS
R2
VPS
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VPS
RFC
1000pF
100pF
0.1µF
1000pF
100pF
0.1µF
100pF
0.1µF
VPOS
VPOS
LO
1000pF
1000pF
VPOS
ETC1-1-13
1
ADL5387
24
23
22
21
20
19
78
9
10
11 12
2
3
4
5
6
VPA
COM
BIAS
VPL
VPL
VPL
18
17
16
15
14
13
VPB
VPB
QHI
QLO
IHI
ILO
120nH
120nH
Figure 52. ADL5387 and ADRF6510 Interfacing Example—Block Diagram
EXAMPLE BASEBAND INTERFACE
The noise spectral density of the ADRF6510 outside the filter
bandwidth is limited by the fixed VGA output noise. It may be
necessary to use an external, fixed-frequency, passive filter prior
to an analog-to-digital conversion to prevent noise aliasing from
degrading the signal-to-noise ratio. As shown in Figure 46 and
Figure 47, the noise density at higher frequencies tends to be flat,
and any higher IF noise aliasing into the Nyquist zone has minimal
effects. Using the AD9639, a 12-bit ADC with a 210 MSPS sam-
pling rate, the effects of an antialiasing filter present between the
ADRF6510 and the ADC showed a minimal 1.5 dB improvement.
When designing an antialiasing filter, it is necessary to consider
the overall source and load impedance presented by the
ADRF6510 and the ADC input to design the filter network. The
differential baseband output impedance of the ADRF6510 is
20 Ω and is designed to drive a high impedance ADC input. It
may be desirable to terminate the ADC input to a lower
impedance by using a terminating resistor, such as 500 Ω. The
terminating resistor helps to better define the input impedance
at the ADC input at the cost of a slightly reduced gain.
The order and type of filter network depend on the desired high
frequency rejection required, the pass-band ripple, and the
group delay. Filter design tables provide outlines for various
filter types and orders, illustrating the normalized inductor and
capacitor values for a 1 Hz cutoff frequency and 1 Ω load. After
scaling the normalized prototype element values by the actual
desired cutoff frequency and load impedance, the series
reactance elements are halved to realize the final balanced filter
network component values.
As an example, a second-order Butterworth, low-pass filter design
is shown in Figure 53 where the differential load impedance is
500 Ω and the source impedance is 50 Ω. The normalized series
inductor value for the 10-to-1, load-to-source impedance ratio
is 0.074 H, and the normalized shunt capacitor is 14.814 F. For a
10.9 MHz cutoff frequency, the single-ended equivalent circuit
consists of a 0.54 μH series inductor followed by a 433 pF shunt
capacitor.
The balanced configuration is realized as the 0.54 μH inductor
is split in half to achieve the network that is shown in Figure 53.
VS
RS
2
RS
RL
RS
2
RL
2
RL
2
433pF
VS
RS = 50Ω
RL = 500Ω
0.54µH
0.27µH
0.27µH
433pF
BALANCED
CONFIGURATION
DENORMALIZED
SINGLE-ENDED
EQUIVALENT
VS
RS = 50Ω
= 0.1
Ω
RL = 500Ω
LN = 0.074H
CN
14.814F
NORMALIZED
SINGLE-ENDED
CONFIGURATION
= 25
Ω
= 25
Ω
= 250
Ω
= 250
Ω
fC = 10.9MHz
fC = 1Hz
Figure 53. Second-Order Butterworth, Low-Pass Filter Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com