Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1883ARMZ-0.6-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1883ARMZ-0.6-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883ARMZ-0.6-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1883ARMZ-0.6-R7 Datasheet HTML 1Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 2Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 3Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 4Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 5Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 6Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 7Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Synchronous Current-Mode with
Constant On-Time, PWM Buck Controller
ADP1882/ADP1883
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Power input voltage as low as 2.75 V to 20 V
Bias supply voltage range: 2.75 V to 5.5 V
Minimum output voltage: 0.8 V
0.8 V reference voltage with ±1.0% accuracy
Supports all N-channel MOSFET power stages
Available in 300 kHz, 600 kHz, and 1.0 MHz options
No current-sense resistor required
Power saving mode (PSM) for light loads (ADP1883 only)
Resistor-programmable current-sense gain
Thermal overload protection
Short-circuit protection
Precision enable input
Integrated bootstrap diode for high-side drive
140 μA shutdown supply current
Starts into a precharged load
Small, 10-lead MSOP package
APPLICATIONS
Telecom and networking systems
Mid to high end servers
Set-top boxes
DSP core power supplies
TYPICAL APPLICATIONS CIRCUIT
COMP/EN BST
FB
DRVH
GND
SW
VDD
DRVL
PGND
VIN
CC
CVDD
VDD = 2.75V TO 5.5V
CVDD2
CC2
RC
RBOT
RTOP
VOUT
VIN = 2.75V TO 20V
Q1
Q2
RRES
L
COUT
VOUT
CBST
LOAD
CIN
ADP1882/
ADP1883
Figure 1.
100
95
90
85
80
75
70
65
60
55
50
45
25
30
35
40
100
1k
10k
100k
LOAD CURRENT (mA)
VDD = 5.5V, VIN = 13.0V
VDD = 5.5V, VIN = 16.5V
VDD = 5.5V, VIN = 5.5V (PSM)
VDD = 5.5V, VIN = 5.5V
VDD = 3.6V, VIN = 5.5V
TA = 25°C
VOUT = 1.8V
fSW = 300kHz
WURTH INDUCTOR:
744325120, L = 1.2µH, DCR = 1.8m
Ω
INFINEON MOSFETs:
BSC042N03MS G (UPPER/LOWER)
Figure 2. ADP1882/ADP1883 Efficiency vs. Load Current
(VOUT = 1.8 V, 300 kHz)
GENERAL DESCRIPTION
The ADP1882/ADP1883 are versatile current-mode, synchronous
step-down controllers that provide superior transient response,
optimal stability, and current-limit protection by using a constant
on-time, pseudo-fixed frequency with a programmable current-
limit, current-control scheme. In addition, these devices offer
optimum performance at low duty cycles by using valley current-
mode control architecture. This allows the ADP1882/ADP1883
to drive all N-channel power stages to regulate output voltages
as low as 0.8 V.
The ADP1883 is the power saving mode (PSM) version of the
device and is capable of pulse skipping to maintain output
regulation while achieving improved system efficiency at light
loads (see the Power Saving Mode (PSM) Version (ADP1883)
section for more information).
Available in three frequency options (300 kHz, 600 kHz, and
1.0 MHz, plus the PSM option), the ADP1882/ADP1883 are
well suited for a wide range of applications. These ICs not only
operate from a 2.75 V to 5.5 V bias supply, but they also can
accept a power input as high as 20 V.
In addition, an internally fixed soft start period is included to limit
input in-rush current from the input supply during startup and
to provide reverse current protection during soft start for a pre-
charged output. The low-side current-sense, current-gain scheme
and integration of a boost diode, along with the PSM/forced
pulse-width modulation (PWM) option, reduce the external
part count and improve efficiency.
The ADP1882/ADP1883 operate over the −40°C to +125°C
junction temperature range and are available in a 10-lead MSOP.


Similar Part No. - ADP1883ARMZ-0.6-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
Step-Down DC-to-DC Controller
12/06-Rev. A to Rev. B
ADP1821-EVAL AD-ADP1821-EVAL Datasheet
543Kb / 24P
Step-Down DC-to-DC Controller
12/06-Rev. A to Rev. B
ADP1821ARQZ-R7 AD-ADP1821ARQZ-R7 Datasheet
543Kb / 24P
Step-Down DC-to-DC Controller
12/06-Rev. A to Rev. B
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
Step-Down DC-to-DC Controller
REV. C
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
PWM, Step-Down DC-to-DC Controller with Margining and Tracking
8/06-Rev. A to Rev. B
More results

Similar Description - ADP1883ARMZ-0.6-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
logo
ON Semiconductor
NCL30105 ONSEMI-NCL30105 Datasheet
623Kb / 22P
Constant Off Time PWM Current-Mode Controller
May, 2012 ??Rev. 2
logo
Vishay Siliconix
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com