Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1883ARMZ-0.6-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1883ARMZ-0.6-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883ARMZ-0.6-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1883ARMZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 9Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 10Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 11Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 12Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 13Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 14Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 15Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 12 of 40
900
950
1000
1050
1100
1150
1200
1250
1300
1350
0
0.8k
1.6k
2.4k
3.2k
4.0k
4.8k
5.6k
6.4k
7.2k
8.0k
LOAD CURRENT (mA)
40
42
44
46
48
50
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
3.6
4.8
6.0
7.2
8.4
9.6
10.8 12.0 13.2 14.4 15.6
VIN (V)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 13V
Figure 34. Frequency vs. Load Current, 1.0 MHz, VOUT = 4 V
2.649
2.650
–40
120
100
80
60
40
20
0
–20
2.658
2.657
2.656
2.655
2.654
2.653
2.652
2.651
TEMPERATURE (°C)
Figure 35. UVLO vs. Temperature
40
45
300
400
500
600
700
800
900
1000
FREQUENCY (kHz)
50
55
60
65
70
75
80
85
90
95
100
VDD =2.7V
VDD =5.5V
VDD =3.6V
+125°C
+25°C
–40°C
Figure 36. Maximum Duty Cycle vs. Frequency
VDD = 5.5V
VDD = 3.6V
+125°C
+25°C
–40°C
180
680
630
580
530
480
430
380
330
280
230
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 37. Maximum Duty Cycle vs. High Voltage Input (VIN)
VREG = 2.7V
VREG = 5.5V
VREG = 3.6V
Figure 38. Minimum Off Time vs. Temperature
180
680
630
580
530
480
430
380
330
280
230
2.7
5.5
5.1
4.7
4.3
3.9
3.5
3.1
VREG (V)
+125°C
+25°C
–40°C
Figure 39. Minimum Off Time vs. VDD (Low Input Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com