Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1E-04RS/P-2.5 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF1E-04RS/P-2.5
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E-04RS/P-2.5 Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF1E-04RS/P-2.5 Datasheet HTML 3Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 4Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 5Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 6Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 7Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 8Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 9Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 10Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
B152
DF1E Series
●2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
■Straight Pin Header for Potting
BPCB mounting pattern (Board Thickness t = 1.6 ± 0.1)
Note 1. : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. However, the quantity
for delivery will be changed according to spec number.
Note 2. : The 2 to 6 and 9 to 10 contact connectors differ in two convex portions from those in above figures. The 2 to 5 and 9 to 10
contacts are not contained, but the 6 contact is bonded to the convex portion at both ends.
Note 3. : Styles of 2 to 4 contact may partially differ from the above figures.
Part Number
Number of Contacts
P = 2.5±0.05
A±0.1
*
–
Ø1.1
+0.1
0
Contact
No. mark
Mold Cavity
No. mark
Note 2
Note 2
Contact
No.1 indicated
5.4
A
B
10
A
M
0.64
P=2.5
DF1EG –02P–2.5DSA(**)
DF1EG –03P–2.5DSA(**)
DF1EG –04P–2.5DSA(**)
DF1EG –05P–2.5DSA(**)
DF1EG –06P–2.5DSA(**)
DF1EG –07P–2.5DSA(**)
DF1EG –08P–2.5DSA(**)
DF1EG –09P–2.5DSA(**)
DF1EG –10P–2.5DSA(**)
DF1EG –11P–2.5DSA(**)
CL No.
541 – 0923 – 3**
541 – 0924 – 6**
541 – 0925 – 9**
541 – 0926 – 1**
541 – 0927 – 4**
541 – 0928 – 7**
541 – 0929 – 0**
541 – 0930 – 9**
541 – 0931 – 1**
541 – 0932 – 4**
2
3
4
5
6
7
8
9
10
11
RoHS
Yes
A
02.5
05.0
07.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
B
C
07.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
8.0
8.0
8.0
7.8
7.8
7.8
7.8
7.8
7.8
7.8
[Specific No.] –* *, (* *)
(05): Tin plated
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com