Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1E-04RS/P-2.5 Datasheet(PDF) 14 Page - Hirose Electric

Part # DF1E-04RS/P-2.5
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E-04RS/P-2.5 Datasheet(HTML) 14 Page - Hirose Electric

Back Button DF1E-04RS/P-2.5 Datasheet HTML 8Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 9Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 10Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 11Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 12Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 13Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 14Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 15Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
B159
DF1E Series
●2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
BCrimping Tools
Part Number
AP105 – DF1E – 2022S
AP105 – DF1B – 2022S
K
K
AP105 – DF1B – 2428S
K
K
AP105 – DF1B – 30S
K
K
AP105 – DF1B – 2022P
K
K
AP105 – DF1B – 2428P
K
K
AP105 – DF1B – 30P
K
K
CM – 105
K
K
HT102/DF1E – 2022S
DF1B – TA2022SHC
K
K
DF1B – TA2428SHC
K
K
DF1B – TA30SHC
K
K
HT102/DF1BE – 2022P
HT102/DF1BE – 2428P
HT102/DF1BE – 30P
DF – C – PO (B)
901 – 4561 – 0
901 – 4510 – 9
901 – 4518 – 0
901 – 4517 – 8
901 – 4509 – 0
901 – 4521 – 5
901 – 4519 – 3
901 – 0005 – 4
550 – 0277 – 1
550 – 0182 – 7
550 – 0209 – 1
550 – 0211 – 3
550 – 0278 – 4
550 – 0279 – 7
550 – 0280 – 6
550 – 0179 – 2
DF1E – 2022SCF
DF1B – 2022SCF
DF1B – 2428SCF
DF1B – 30SCF
DF1E – 2022PCF
DF1E – 2428PCF
DF1E – 30PCF
––––––
DF1E – 2022SC
DF1B – 2022SC
DF1B – 2428SC
DF1B – 30SC
DF1E – 2022PC
DF1E – 2428PC
DF1E – 30PCF
DF1E – 2022SC (F)
DF1B – * * * * SC (F)
DF1E – * * * * PC (F)
CL No.
Applicable Contact
Item
Applicator
Main Press Unit
Manual Crimping Tool
Contact Extraction Tool
Note 1. : Add "K
K
" to the last number of the product, in order to use DF1B series tools, which have been conventionally merchandized.
Note 2. : If any trouble has occurred due to other tools, which are not designated by Hirose, Hirose won't guarantee any products.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com