Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6294AIPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV6294AIPT
Description  Micropower, wide bandwidth CMOS operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6294AIPT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV6294AIPT Datasheet HTML 1Page - STMicroelectronics TSV6294AIPT Datasheet HTML 2Page - STMicroelectronics TSV6294AIPT Datasheet HTML 3Page - STMicroelectronics TSV6294AIPT Datasheet HTML 4Page - STMicroelectronics TSV6294AIPT Datasheet HTML 5Page - STMicroelectronics TSV6294AIPT Datasheet HTML 6Page - STMicroelectronics TSV6294AIPT Datasheet HTML 7Page - STMicroelectronics TSV6294AIPT Datasheet HTML 8Page - STMicroelectronics TSV6294AIPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2010
Doc ID 16882 Rev 2
1/25
25
TSV629x, TSV629xA
Micropower, wide bandwidth CMOS operational amplifiers
Features
■ Rail-to-rail input and output
■ Low power consumption: 29 µA typ, 36 µA max
■ Low supply voltage: 1.5 – 5.5 V
■ High gain bandwidth product: 1.3 MHz typ
■ Stable when used in gain configuration
■ Low power shutdown mode: 5 nA typ
■ Good accuracy: 800 µV max (A version)
■ Low input bias current: 1 pA typ
■ Micropackages: MiniSO-8, SOT23-8,
MiniSO-10, TSSOP14, TSSOP16
■ EMI hardened operational amplifiers
■ High tolerance to ESD: 4 kV HBM
■ Extended temperature range: -40 to +125° C
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The TSV6292, TSV6293, TSV6294 and TSV6295
dual and quad operational amplifiers offer a high
bandwidth of 1.3 MHz while consuming only
29 µA. They must be used in a gain configuration
(equal or above +4 or -3).
The TSV629x series features low voltage, low
power operation and rail-to-rail input and output.
The devices also offer an ultra-low input bias
current and low input offset voltage.
The TSV6293 (dual) and TSV6295 (quad) have
two shutdown pins for reduced power
consumption.
These features make the TSV629x family ideal
for sensor interfaces, battery supplied and
portable applications, as well as active filtering.
Table 1.
Device summary
Reference
Dual version
Quad version
Without
standby
With
standby
Without
standby
With
standby
TSV629x
TSV6292
TSV6293
TSV6294
TSV6295
TSV629xA
TSV6292A
TSV6293A
TSV6294A
TSV6295A
TSSOP-14
MiniSO-8/10
SO-8
SOT23-8
TSSOP-16
www.st.com


Similar Part No. - TSV6294AIPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6290 STMICROELECTRONICS-TSV6290 Datasheet
761Kb / 23P
Micropower with high merit factor CMOS operational amplifiers
04-Mar-2010
TSV6290A STMICROELECTRONICS-TSV6290A Datasheet
761Kb / 23P
Micropower with high merit factor CMOS operational amplifiers
04-Mar-2010
TSV6290AICT STMICROELECTRONICS-TSV6290AICT Datasheet
761Kb / 23P
Micropower with high merit factor CMOS operational amplifiers
04-Mar-2010
TSV6290AILT STMICROELECTRONICS-TSV6290AILT Datasheet
761Kb / 23P
Micropower with high merit factor CMOS operational amplifiers
04-Mar-2010
TSV6290ICT STMICROELECTRONICS-TSV6290ICT Datasheet
761Kb / 23P
Micropower with high merit factor CMOS operational amplifiers
04-Mar-2010
More results

Similar Description - TSV6294AIPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Oct-2005
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
23-May-2013
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com