Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6294AIPT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV6294AIPT
Description  Micropower, wide bandwidth CMOS operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6294AIPT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV6294AIPT Datasheet HTML 10Page - STMicroelectronics TSV6294AIPT Datasheet HTML 11Page - STMicroelectronics TSV6294AIPT Datasheet HTML 12Page - STMicroelectronics TSV6294AIPT Datasheet HTML 13Page - STMicroelectronics TSV6294AIPT Datasheet HTML 14Page - STMicroelectronics TSV6294AIPT Datasheet HTML 15Page - STMicroelectronics TSV6294AIPT Datasheet HTML 16Page - STMicroelectronics TSV6294AIPT Datasheet HTML 17Page - STMicroelectronics TSV6294AIPT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Application information
TSV629x, TSV629xA
14/25
Doc ID 16882 Rev 2
4.4
Optimization of DC and AC parameters
These devices use an innovative approach to reduce the spread of the main DC and AC
parameters. An internal adjustment achieves a very narrow spread of current consumption
(29 µA typical, min/max at ±17%). Parameters linked to the current consumption value, such
as GBP, SR and Avd benefit from this narrow dispersion.
4.5
Shutdown function (TSV6293, TSV6295)
The operational amplifier is enabled when the SHDN pin is pulled high. To disable the
amplifier, the SHDN must be pulled down to VCC-. When in shutdown mode, the amplifier
output is in a high impedance state. The SHDN pin must never be left floating but tied to
VCC+ or VCC-. The turn-on and turn-off times are calculated for an output variation of
±
200 mV (Figure 21 and Figure 22 show the test configurations).
Figure 21.
Test configuration for turn-on time
(Vout pulled down)
Figure 22.
Test configuration for turn-off time
(Vout pulled down)
+ V
CC
GND
+
-
DUT
GND
V
CC - 0.5 V
+ V
CC
GND
+
-
DUT
GND
V
CC - 0.5 V
Figure 23.
Turn-on time, VCC =5 V,
Vout pulled down, T = 25° C
Figure 24.
Turn-off time, VCC =5V,
Vout pulled down, T = 25° C
Shutdown pulse
Vout
Vcc = 5V
T = 25
°C
R
L
connected to GND
Time (
μs)
Shutdown pulse
Vout
Vcc = 5V
T = 25
°C
Time (
μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com