Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6392A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV6392A
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6392A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV6392A Datasheet HTML 5Page - STMicroelectronics TSV6392A Datasheet HTML 6Page - STMicroelectronics TSV6392A Datasheet HTML 7Page - STMicroelectronics TSV6392A Datasheet HTML 8Page - STMicroelectronics TSV6392A Datasheet HTML 9Page - STMicroelectronics TSV6392A Datasheet HTML 10Page - STMicroelectronics TSV6392A Datasheet HTML 11Page - STMicroelectronics TSV6392A Datasheet HTML 12Page - STMicroelectronics TSV6392A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TSV639x, TSV639xA
Electrical characteristics
Doc ID 16883 Rev 1
9/25
AC performance
GBP
Gain bandwidth product
RL =10 kΩ, CL = 100 pF
2.4
MHz
Gain
Minimum gain for stability
Phase margin = 60°, Rf = 10kΩ,
RL =10kΩ, CL =20pF,
+4
-3
V/V
SR
Slew rate
RL =10 kΩ, CL = 100 pF
1.1
V/
μs
en
Equivalent input noise
voltage
f=1kHz
f = 10 kHz
60
33
THD+N
Total harmonic distortion +
noise
VCC = 5 V, fin = 1 kHz, ACL = -10,
RL = 100 kΩ, Vicm = VCC/2,
BW = 22 kHz, Vout = 1 Vrms
0.015
%
1.
Guaranteed by design.
Table 7.
Electrical characteristics at VCC+ = +5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C,
and RL connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
Table 8.
Shutdown characteristics at VCC = 5 V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (all operators)
SHDN = VCC-
550
nA
Tmin < Top < 85° C
200
nA
Tmin < Top < 125° C
1.5
µA
ton
Amplifier turn-on time
RL = 2 kΩ,
Vout = VCC- V to VCC-+0.2 V
200
ns
toff
Amplifier turn-off time
RL = 2 kΩ,
Vout = VCC+ - 0.5 V to VCC+ - 0.7 V
20
ns
VIH
SHDN logic high
2
V
VIL
SHDN logic low
0.8
V
IIH
SHDN current high
SHDN = VCC+
10
pA
IIL
SHDN current low
SHDN = VCC-
10
pA
IOLeak
Output leakage in shutdown
mode
SHDN = VCC-
50
pA
Tmin < Top < 125° C
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com