Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6392A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV6392A
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6392A Datasheet(HTML) 1 Page - STMicroelectronics

  TSV6392A Datasheet HTML 1Page - STMicroelectronics TSV6392A Datasheet HTML 2Page - STMicroelectronics TSV6392A Datasheet HTML 3Page - STMicroelectronics TSV6392A Datasheet HTML 4Page - STMicroelectronics TSV6392A Datasheet HTML 5Page - STMicroelectronics TSV6392A Datasheet HTML 6Page - STMicroelectronics TSV6392A Datasheet HTML 7Page - STMicroelectronics TSV6392A Datasheet HTML 8Page - STMicroelectronics TSV6392A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
January 2010
Doc ID 16883 Rev 1
1/25
25
TSV639x, TSV639xA
Micropower (60 µA), wide bandwidth (2.4 MHz) CMOS op-amps
Features
Rail-to-rail input and output
Low power consumption: 60 µA typ at 5 V
Low supply voltage: 1.5 V - 5.5 V
Gain bandwidth product: 2.4 MHz typ, stable
for gain equal or above -3 or +4
Low power shutdown mode: 5 nA typ
Low offset voltage: 800 µV max (A version)
Low input bias current: 1 pA typ
EMI hardened operational amplifiers
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40° C to
+125° C
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV639x series of dual and quad operational
amplifiers offers low voltage operation and rail-to-
rail input and output.
For applications configured with gain, the
TSV639x series offers an excellent speed/power
consumption ratio, 2.4 MHz gain bandwidth
product while consuming only 60 µA at 5 V. The
devices also feature an ultra-low input bias
current and have a shutdown mode (TSV6393,
TSV6395).
These features make the TSV639x family ideal
for sensor interfaces, battery supplied and
portable applications, as well as active filtering.
Table 1.
Device summary
Reference
Dual version
Quad version
Without
standby
With
standby
Without
standby
With
standby
TSV639x
TSV6392
TSV6393
TSV6394
TSV6395
TSV639xA
TSV6392A
TSV6393A
TSV6394A
TSV6395A
TSSOP-14
MiniSO-8/10
SO-8
SOT23-8
TSSOP-16
www.st.com


Similar Part No. - TSV6392A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6392-3-4-5 STMICROELECTRONICS-TSV6392-3-4-5 Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
More results

Similar Description - TSV6392A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
2.8 MHz, 200 關A Op Amps
2009
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
1 MHz, 85 關A Op Amps
2009
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
1 MHz, 45 關A Op Amps
2010
MCP6061 MICROCHIP-MCP6061_10 Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
logo
STMicroelectronics
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
3PEAK INC.
TP2431 3PEAK-TP2431 Datasheet
1Mb / 16P
1.6MHz Bandwidth, Micropower Low Noise Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com