Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM554S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSM554S
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM554S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSM554S Datasheet HTML 1Page - Sanyo Semicon Device FSM554S Datasheet HTML 2Page - Sanyo Semicon Device FSM554S Datasheet HTML 3Page - Sanyo Semicon Device FSM554S Datasheet HTML 4Page - Sanyo Semicon Device FSM554S Datasheet HTML 5Page - Sanyo Semicon Device FSM554S Datasheet HTML 6Page - Sanyo Semicon Device FSM554S Datasheet HTML 7Page - Sanyo Semicon Device FSM554S Datasheet HTML 8Page - Sanyo Semicon Device FSM554S Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Load
:JL:0.6×10
-4kg・m2(2050.3×10-4lb・in2)
F series driver
24
6
8
10
Rise time
(ms)
0
200
400
600
800
1000
Reduced 10%
Current model
5-phase STEPPING SYSTEMS
F series DRIVER
F series MOTOR
M series MOTOR
Extensive lineup
Fseriesdriverfeatures
Lower vibration
1
Shoter cycle time
■ Improved response(up to 10%comparedtocurrent models)shortens the machine cycle
time for repetitive operations.
2
Rotation-vibration characteristics
(Full-step)
0.01
0.1
110
Number of rotations
(S­1)
Motor : 103F7851-7041
Power source voltage : 100V AC
Winding current : 0.75A/phase
0
0.2
0.4
0.6
0.8
1
(Vrms)
(Vrms)
Rotation-vibration characteristicsx
(1/ 250)
Current model
New model
0.01
0.1
1
10
Number of rotations
(S­1)
Motor : 103F7851-7041
Power source voltage : 100V AC
Winding current : 0.75A/phase
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
350
01
23
4
5
6
Number of rotations
(S­1)
Motor : 103F7852-8241
Power source voltage
:DC24V
Excitation method
:Half-step
0
50
100
150
200
250
300
350
01
23
4
5
6
Number of rotations
(S­1)
Motor : 103F7852-8241
Power source voltage
:DC24V
Excitation method
:Half-step
0.72
1to250 divisions
= 0.72 to 0.00288degrees/pulse
AC input
DC input
AC input
DC input
■ Automicro function
Vibration suppression is executed internally and independently from the controller.
AC input
■ Automicrofunctionand microsteppingsystemenables furtherreduction of vibration
compared to current models.
■ Microstepping system
Thebasic step angleisdivided byamaximum of
1 / 250 using 16 selectable resolution levels to enable
smooth and vibration-free operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com