Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM554S Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # FSM554S
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM554S Datasheet(HTML) 5 Page - Sanyo Semicon Device

  FSM554S Datasheet HTML 1Page - Sanyo Semicon Device FSM554S Datasheet HTML 2Page - Sanyo Semicon Device FSM554S Datasheet HTML 3Page - Sanyo Semicon Device FSM554S Datasheet HTML 4Page - Sanyo Semicon Device FSM554S Datasheet HTML 5Page - Sanyo Semicon Device FSM554S Datasheet HTML 6Page - Sanyo Semicon Device FSM554S Datasheet HTML 7Page - Sanyo Semicon Device FSM554S Datasheet HTML 8Page - Sanyo Semicon Device FSM554S Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4
28
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
50
1
Reduction gear ratios
(
□1.10inch)
Spur gear model
This setutilizesaspurgearinthe
speed reduction mechanism.
28
42
60
ø86
Motor flange size
Reduction gear ratios
30
1
50
1
100
1
(
□1.65inch)
(
□1.10inch)(□2.35inch)(ø3.39inch)
Harmonic gear model
This setutilizesaharmonicgear.
42
60
ø86
Motor flange size
(
□2.35inch)
(
□1.65inch)(ø3.39inch)
Electromagnetic brake model
This setutilizesanon-excitation
electromagnetic brake to maintain
position in vertical load applications
andholdloadevenduringpower off.
P.15
42
60
ø86
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
36
1
Reduction gear ratios
(
□1.65inch)(□2.35inch)(ø3.39inch)
Low-backlash gear model
This setincludesalow backlash gear that
uses tapered hobbed gears to engage the
final stage of the speed reduction mechanism.
P.13
42
60
ø86
ø106
Motor flange size
(
□1.65inch)(□2.35inch)(ø3.36inch)(ø4.17inch)
CE/ULmodel
TheUL/CE setincludesaFSeries
driver andaMSeriesmotor.
Set model
DC input
AC input
P.11
28
42
60
ø86
ø106
Motor flange size
(
□1.65inch)
(
□1.10inch)(□2.35inch)(ø3.39inch)(ø4.17inch)
Standard model
Thestandardset includes aFseries
driver andaFseries motor.
P.18
P.19
P.21
28
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
50
1
Reduction gear ratios
(
□1.10inch)
Spur gear model
This set utilizes a spur gear in the
speed reduction mechanism.
28
42
60
ø86
Motor flange size
Reduction gear ratios
30
1
50
1
100
1
(
□1.65inch)
(
□1.10inch)(□2.35inch)(ø3.39inch)
Harmonic gear model
This set utilizes a harmonic gear.
42
60
ø86
Motor flange size
(
□2.35inch)
(
□1.65inch)(ø3.39inch)
Electromagnetic brake model
This set utilizes a non-excitation
electromagnetic brake to maintain
position in vertical load applications
andholdloadevenduringpower off.
P.35
42
60
ø86
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
36
1
Reduction gear ratios
(
□1.65inch)(□2.35inch)(ø3.39inch)
Low-backlash gear model
This set includes a low backlash gear that
uses tapered hobbed gears to engage the
final stage of the speed reduction mechanism.
P.33
Standard model
The standard set includes a F series
driver and a F series motor.
P.38
P.39
P.41
28
42
60
ø86
Motor flange size
(
□1.65inch)
(
□1.10inch)(□2.35inch)(ø3.39inch)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com