Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Xg2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # Xg2
Description  AC/DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Xg2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  Xg2 Datasheet HTML 1Page - List of Unclassifed Manufacturers Xg2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES
1. This product is not intended for use as a stand alone unit and must be installed by qualified personnel.
2. The specifications contained herein are believed to be correct at time of publication and are subject to change without notice.
3. All specifications at nominal input, full load, 25°C unless otherwise stated.
Doc. 40032 rev. 05 08/07
400W-1200W AC/DC Plug & Play Power Supply Series
2
SPECIFICATION applies to configured units consisting of powerMods modules plugged into the appropriate powerPac
INPUT
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage Range
Universal Input
85
264
VAC
120
380
VDC
Input Frequency Range
47
63
Hz
Power Rating XCA
400
W
XCB
700
W
XCC
Derate linearly from 1000W at 100VAC to 850W at 85VAC
1000
W
XCD
Derate linearly from 1200W at 120VAC to 850W at 85VAC
1200
W
Input Current XCA
85VAC in 400W out
7.5
A
XCB
85VAC in 700W out
9.5
A
XCC, XCD
85VAC in 850W out
11.5
A
Inrush Current
230VAC @ 25°C
25
A
Undervoltage Lockout
Shutdown
65
74
VAC
Fusing
XCA
250V
F8A HRC
XCB
250V
F10A HRC
XCC, XCD
250V
F12A HRC
OUTPUT
Parameter
Conditions/Description
Min
Nom
Max
Units
powerMod
Power
As per powerMod table
Output Adjustment Range
Manual:
Multi-turn potentiometer. As per powerMod table
Electronic: See Xgen Designers’ Manual
Minimum Load
0
A
Line Regulation
For ±10% change from nominal line
±0.1
%
Load & Cross Regulation
For 25% to 75% load change
±0.2
%
Transient Response
For 25% to 75% load change
Voltage Deviation
10
%
Settling Time
250
µs
Ripple and Noise
20MHz Bandwidth
1.0
% pk-pk
Overvoltage Protection
1st level: Vset Tracking. 2nd level: Vmax (Latching)
110
125
%
Overcurrent Protection
Straight line with hiccup activation at <30% of Vnom
110
120
%.
See Designer’s Manual for full details
Remote Sense
Max. line drop compensation. (except Xg7, Xg8)
0.5
VDC
Overshoot
2
%
Turn-on Delay
From AC In / Enable signal
300 / 30
ms
Rise Time
Monotonic
5
ms
Hold-up Time
For nominal output voltages at full load. XCA,XCB,XCC / XCD
20 / 15
ms
Output Isolation
Output to Output / Output to Chassis
500 / 500
VDC
GENERAL
Parameter
Conditions/Description
Min
Nom
Max
Units
Isolation Voltage
Input to Output
3000
VAC
Input to Chassis
1500
VAC
Efficiency
230VAC, 1200W @ 24V
90
%
Safety Agency Approvals
EN60950, UL60950, CSA22.2 No.950 UL File No. E181875
Leakage Current
250VAC, 60Hz, 25°C
1.5
mA
Signals
See Xgen Series datasheet
Bias Supply
Always ON. Current 250mA
4.9
5.0
5.1
VDC
Reliability
Failures per million hours at 25°C and full load
powerMod
1.0
fpmh
See Designers’ Manual. powerPac excludes fans
powerPac
0.6
fpmh
EMC
Parameter
Standard
Level
Units
Emissions
Conducted
EN55011, EN55022, FCC
Level B
Radiated
EN55011, EN55022, FCC
Level B
Harmonic Distortion
EN61000-3-2
Compliant
Flicker and Fluctuation
EN61000-3-3
Compliant
Immunity
Electrostatic Discharge
EN61000-4-2
Level 4
Radiated RFI
EN61000-4-3
Level 3
Fast Transients - burst
EN61000-4-4
Level 4
Input Line Surges
EN61000-4-5
Class 4
Conducted RFI
EN61000-4-6
10
V/m
Voltage Dips
EN61000-4-11 (EN55024)
10
ms
ENVIRONMENTAL
Parameter
Conditions/Description
Min
Nom
Max
Units
Operating Temperature
-20
+70
°C
Storage Temperature
-40
+85
°C
Derating
1.6% per °C above 40°C. See Designers Manual for full deratings
Relative Humidity
Non-condensing
5
95
%RH
Shock
3000 Bumps, 10G (16ms) half sine
Vibration
1.5G
10
200
Hz
North America
Excelsys Technologies
t: (972) 771 4544
519 Interstate 30, #309
f: (972) 421 1805
Rockwall, TX 75087
e: salesusa@excelsys.com
USA
Europe/Asia
Excelsys Technologies Ltd
t: +353 21 4354716
27 Eastgate Drive
f: +353 21 4354864
Eastgate Business Park
e: sales@excelsys.com
Little Island, Cork, Ireland
IRELAND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com