Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Xg2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Xg2
Description  AC/DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Xg2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Xg2 Datasheet HTML 1Page - List of Unclassifed Manufacturers Xg2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC/DC Power Supply
Ultra-high efficiency 1U size
PLUG & PLAY POWER
next generation power source
FEATURES
• 1.5V to 58V standard output voltages
• All outputs fully floating
• Extra low profile: 1U height (40mm)
• Ultra high efficiency, up to 90%
• Plug & Play Power
- allows fast custom configuration
- allow easy logistics
• Reduced system heat dissipation
• Few electrolytic capacitors (all long life)
• Visual LED indicators
• Series / Parallel of multiple outputs
• 5V bias standby voltage provided
• Individual output control signals
APPLICATIONS INCLUDE
• Industrial machines
• Test and measurement
• Automation equipment
• Printing
• Telecommunications
• For Medical applications see Xvite
EFFICIENCY (typical)
MODEL Vmin
Vnom Vmax
Imax
Watts
Xg1
1.5
2.5
3.6
50A
125W
Xg2
3.2
5.0
6.0
40A
200W
Xg3
6.0
12.0
15.0
20A
240W
Xg4
12.0
24.0
30.0
10A
240W
Xg5
28.0
48.0
58.0
6A
288W
Xg7
5.0
24.0
28.0
5A
120W
Xg8 V1 5.0
24.0
28.0
3A
72W
V2
5.0
24.0
28.0
3A
72W
1
AC/DC Plug & Play Power Supply Series
400W-1200W
MECHANICAL SPECIFICATIONS
The Xcite family of power supplies provides up to an incredible 1200W in an
extremely compact 1U x 260 x 127mm package. Boasting industry leading power
density of 15W/in3 and efficiencies of up to 90%, the Xcite family employs an
innovative plug & play architecture that allows users to instantly configure a
custom power solution in less than 5 minutes!
Ultra high efficiencies and high power density are made possible through the
combination of low loss technologies and the best field-proven technologies in planar
magnetics and surface mount electronics. Significantly increased efficiency reduces
system thermal load by more than 50%.
The Xcite family consists of 4 powerPac models ranging in power levels from 400W to
1200W. Each model may be populated with up to 6 powerMods selected from the
table of powerMods shown below.
All configurations carry full safety agency approvals, UL60950, EN60950 and are CE
marked. For alternative power interfaces contact support@excelsys.com
powerPacs
powerMods
Series
MODEL
Watts
XCA
400W
XCB
700W
XCC
1000W
XCD
1200W
29.50
40.40
122.00
46.00
23.50
23.50
80.00
92.00
19.00
19.00
127.00
SLOT F
SLOT E
SLOT D
SLOT C
SLOT B
SLOT A
19.00
Third angle projection
TOP VIEW
All dimensions in mm.
Mounting Holes
4 M4 threaded holes on Base. Max screw penetration is 6mm from Base.
Fleximount Side Mounting Slots
Use with self-clinching studs type FH-M4-X or FH-832-X (X= stud length) from PEM, or equivalent
Alternatively, use Xgen Side Clamps from Excelsys. Part No. Z165 (drawing 61401)
50.00
97.75
cite
Line Voltage VAC
85
70
93
92
91
90
89
88
87
86
85
84
100
115
130
145 160
175
190
205 220
235
260
patents pending


Similar Part No. - Xg2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2 OMRON-XG2 Datasheet
370Kb / 4P
Flat Cable Connectors for PCBs
logo
List of Unclassifed Man...
XG25 ETC2-XG25 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Omron Electronics LLC
XG2A-1001 OMRON-XG2A-1001 Datasheet
370Kb / 4P
Flat Cable Connectors for PCBs
XG2A-1002 OMRON-XG2A-1002 Datasheet
370Kb / 4P
Flat Cable Connectors for PCBs
XG2A-1401 OMRON-XG2A-1401 Datasheet
370Kb / 4P
Flat Cable Connectors for PCBs
More results

Similar Description - Xg2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com