Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000 Datasheet(PDF) 10 Page - Zetex Semiconductors

Part # ZHCS2000
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS2000 Datasheet(HTML) 10 Page - Zetex Semiconductors

Back Button ZHCS2000 Datasheet HTML 6Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 7Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 8Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 9Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 10Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 11Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 12Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 13Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 14Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Peak current definition
The peak current rating is a design parameter whose
value is dependent upon the overall application. For
the high brightness reference designs, a peak current
of was chosen to ensure that the converter could
provide the required output power to the LED.
In general, the IPK value must be chosen to ensure that
the switching transistor, Q1, is in full saturation with
maximum output power conditions, assuming
worse-case input voltage and transistor gain under all
operating temperature extremes.
Once IPK is decided the value of RSENSE can be
determined by:
A selection guide of sense resistor and inductor values
for given input voltages, output currents and number
of LED connected in series is provided in the table
below.
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
10
R
V
I
SENSE
ISENSE
PK
=
Input Voltage
(V)
LED current
(mA)
No. of LED’s
R
SENSE
(m )
Inductor
( H)
Efficiency
(%)
3.3V
10
3
510
68
80
3.3V
10
4
330
68
81
3.3V
10
6
150
68
79
3.3V
20
3
220
68
84
3.3V
20
4
150
68
93
3.3V
20
6
77
68
79
3.3V
30
3
170
68
84
3.3V
30
4
100
68
84
3.3V
30
6
47
68
77
5V
10
3
750
68
83
5V
10
4
510
68
84
5V
10
6
330
68
79
5V
20
3
440
68
85
5V
20
4
250
68
85
5V
20
6
150
68
82
5V
30
3
330
68
86
5V
30
4
170
68
85
5V
30
6
100
68
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com