Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000 Datasheet(PDF) 12 Page - Zetex Semiconductors

Part # ZHCS2000
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS2000 Datasheet(HTML) 12 Page - Zetex Semiconductors

Back Button ZHCS2000 Datasheet HTML 6Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 7Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 8Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 9Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 10Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 11Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 12Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 13Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 14Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Shutdown Control
The ZXSC310 offers a shutdown mode that produces a
standby current of less than 5uA when in operation.
When the voltage at the STDN pin is 0.7V or higher the
ZXSC310 is enabled, hence the driver is in normal
operation. When the voltage at the STDN pin is 0.1V or
lower the ZXSC310 is disabled, hence the driver is in
shutdown mode. If the STDN pin is open circuit the
ZXSC310 is also enabled.
Layout of LCD backlighting solution
Demonstration board
A demonstration board for the LCD backlighting
solution, is available upon request. These can be
obtained through your local Zetex office or through
Zetex web pages. For all reference designs Gerber files
and bill of materials can be supplied.
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
12
Top Silk
Drill File
Bottom Copper
Top Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com