Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6601AS2DDM6E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6601AS2DDM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6601AS2DDM6E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6601AS2DDM6E Datasheet HTML 3Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 4Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 5Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 6Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 7Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 8Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 9Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 10Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
STM6600 - STM6601
Description
Doc ID 15453 Rev 7
7/51
Figure 5.
TDFN12 pin connections
Table 2.
Pin descriptions
Pin number
Symbol
Function
1VCC
Power supply input
2SR
Smart Reset™ button input
3VREF
Precise 1.5 V voltage reference
4PSHOLD
PSHOLD input
5CSRD
Adjustable Smart Reset™ delay time input
6PB
Push-button input
7VCCLO
Output for high threshold comparator output (VTH+)
8PBOUT
Status of PB push-button input
9EN or EN
Enable output
10
RST
Reset output
11
INT
Interrupt output
12
GND
Ground
AM00245v1
GND
C
SRD
PS
HOLD
VCC
EN (EN)
RST
INT
5
1
4
8
67
9
10
11
12
3
2
PB
OUT
SR
VREF
PB
VCC
LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com