Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6601AS2DDM6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6601AS2DDM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6601AS2DDM6E Datasheet(HTML) 1 Page - STMicroelectronics

  STM6601AS2DDM6E Datasheet HTML 1Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 2Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 3Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 4Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 5Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 6Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 7Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 8Page - STMicroelectronics STM6601AS2DDM6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
June 2010
Doc ID 15453 Rev 7
1/51
1
STM6600
STM6601
Smart push-button on/off controller with
Smart ResetTM and power-on lockout
Features
■ Operating voltage 1.6 V to 5.5 V
■ Low standby current of 1 µA
■ Adjustable Smart Reset™ assertion delay time
driven by external CSRD
■ Power-up duration determined primarily by
push-button press (STM6600) or by fixed time
period, tON_BLANK (STM6601)
■ Debounced PB and SR inputs
■ PB and SR ESD inputs withstand voltage up to
±15 kV (air discharge) ±8 kV (contact
discharge)
■ Active high or active low enable output option
(EN or EN) provides control of MOSFET,
DC-DC converter, regulator, etc.
■ Secure startup, interrupt, Smart Reset™ or
power down driven by push-button
■ Precise 1.5 V voltage reference with 1%
accuracy
■ Industrial operating temperature –40 to +85 °C
■ Available in TDFN12 2 x 3 mm package
Applications
■ Portable devices
■ Terminals
■ Audio and video players
■ Cell phones and smart phones
■ PDAs, palmtops, organizers
TDFN12
Table 1.
Device summary
Device
RST
CSRD
PB / SR
EN or EN
INT
Startup process
STM6600
open drain(1)
✓✓
push-pull
open drain(1)
PB must be held low until the
PSHOLD
(2) confirmation
STM6601
open drain(1)
✓✓
push-pull
open drain(1)
PB can be released before the
PSHOLD
(2) confirmation
1.
External pull-up resistor needs to be connected to open drain outputs.
2.
For a successful startup, the PSHOLD (Power Supply Hold) needs to be pulled high within specific time, tON_BLANK.
www.st.com


Similar Part No. - STM6601AS2DDM6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - STM6601AS2DDM6E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
Push Button On/Off Controller
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
21-Jun-2010
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
Dual push-button Smart ResetTM with user-adjustable setup delays
21-Jun-2010
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com