Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2953 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK2953
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2953 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK2953_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2953
2009-09-29
5
RG = 25 Ω
VDD = 90 V, L = 7.98 mH
⎟
⎠
⎞
⎜
⎝
⎛
−
⋅
⋅
⋅
=
DD
VDSS
VDSS
AS
V
B
B
I
L
2
1
E
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com