Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2953 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2953
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2953 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2953_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2953_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2953
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
—
—
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
—
—
V
Drain cut−off current
IDSS
VDS = 600 V, VGS = 0 V
—
—
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
600
—
—
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
—
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 8.0 A
—
0.31
0.4
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 8.0 A
8.0
15.0
—
S
Input capacitance
Ciss
—
3520
—
Reverse transfer capacitance
Crss
—
20
—
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
—
300
—
pF
Rise time
tr
—
50
—
Turn−on time
ton
—
100
—
Fall time
tf
—
60
—
Switching time
Turn−off time
toff
—
325
—
ns
Total gate charge (gate−source
plus gate−drain)
Qg
—
80
—
Gate−source charge
Qgs
—
48
—
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 15 A
—
32
—
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
—
—
—
15
A
Pulse drain reverse current
(Note 1)
IDRP
—
—
—
60
A
Forward voltage (diode)
VDSF
IDR = 15 A, VGS = 0 V
—
—
−1.7
V
Reverse recovery time
trr
—
620
—
ns
Reverse recovery charge
Qrr
IDR = 15 A, VGS = 0 V
dIDR / dt = 100 A / μs
—
7.5
—
μC
Marking
K2953
TOSHIBA
Lot No.
Note 4
Part No. (or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com