Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA-M1212-RJL Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # CXA-M1212-RJL
Description  DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-M1212-RJL Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CXA-M1212-RJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-M1212-RJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CXA-M1212-RJL(CXA-0214)(5.0W DUAL OUTPUTS WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMINARY
INFORMATION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email: Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 2 / 2 )
VER, 04 October 2002
Vin
9.6~14.4V
Vrmt
5V
VR
50k
Ω
SW
Active On
Vin
9.6~14.4V
Resistor Dimming Type
None Dimming Type
0
1020 3040 5060
VR (k
Ω)
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(VR)
CN1-5(VR)
CN2-3(Iout1)
CN3-3(Iout-ret)
CCFL1
(RL1)
CCFL2
(RL2)
CN2-1(Iout-ret)
CN3-1(Iout2)
CCFL1
(RL1)
CCFL2
(RL2)
CN1-1(Vin)
CN1-2(GND)
CN1-3(Vrmt)
CN1-4(VR)
CN1-5(VR)
R
50k
Ω
CN2-3(Iout1)
CN3-3(Iout-ret)
CN2-1(Iout-ret)
CN3-1(Iout2)
ELECTRICAL CHARACTERISTICS :
APPLICATION (for example)
Output Current
Input Current
Frequency
Open Voltage
Paramerters
Symbol
Conditions
RL1.2 (k
Ω)
Ta (ºC)
Vin (V)
Note
Unit
Specifications
Iout1
Iin
FL
Vopen
9.6 ~ 14.4
12 }0.2
23 }5
0 ~ 60
50 ~ 70
60 }0.5
∞
mArms
Adc
kHz
Vrms
Max. Brightness
Min. Brightness
typ.
min.
max.
VR (k
Ω)
50
0
5.3
6.0
6.7
5.5
6.0
6.5
1.7
2.0
2.3
9.6 ~ 14.4 0 ~ 50
0 ~ 60
50 ~ 70
-
0.47
0.75
33
39
45
1400
1500
-
Iout2
Iout1
Iout2
Iout1
Iout2
180 }0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com