Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA-M1212-RJL Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # CXA-M1212-RJL
Description  DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-M1212-RJL Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  CXA-M1212-RJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-M1212-RJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CXA-M1212-RJL(CXA-0214)(5.0W DUAL OUTPUTS WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMINARY
INFORMATION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email: Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 1 / 2 )
VER, 04 October 2002
DESCRIPTION :
This DC to AC Inverter was developed for large size LCD panel as
Multiple Media , Replacement of CRT Monitor and other general
Purpose.
Applicable LCD ;Double lamps type
Lamp Voltage 360V
Lamp Current 6mA
FEATURES :
Current Feedback Circuit
High Efficiency
Low noise with voltage resonant circuit
Regulated output current
9mm Low Profile.
TEMPERATURE & HUMDITY :
Operating Temperature Range 0 ‹C ~ +60 ‹C
Storage Temperature Range
-30 ‹C ~ +85 ‹C
Humidity
95 %RH max
DIMENSIONS :
No.
1
2
3
Part Discription
PWB
Connector CN1
Connector CN2
Note
UL94V-0 (FR-4 or CEM-3)
t=1mm
53261-0510
(Molex)
Input Connector
SM02(8.0)B-BHS -1
(JST)
Output Connector
Qty.
1
1
1
Pin
CN1-1
CN1-2
CN1-3
CN1-4
CN1-5
Symbol
Vin
GND
Vrmt
VR
Note
9.6 ~ 14.4 Vdc
0 Vdc
0 / 5 Vdc (Hi active)
50 k
Ω
CN2-1
CN2-2
CN2-3
N.C.
Pin
Symbol
Note
Iout1
6 mArms (360Vrms)
Iout-ret
(2V)
4
Connector CN3
SM02(8.0)B-BHS -1
(JST)
Output Connector
1
CN3-1
CN3-2
CN3-3
N.C.
Pin
Symbol
Note
Iout2
6 mArms (360Vrms)
Iout-ret
(2V)
140.5 max
2
1
4
Units : mm
2-
φ3 }0.2
112 }0.3
(7)
CN3
1
CN2
1
3


Similar Part No. - CXA-M1212-RJL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-M1212-RJL TDK-CXA-M1212-RJL Datasheet
74Kb / 2P
DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs
More results

Similar Description - CXA-M1212-RJL

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0290-324-B POWER-SYSTEMS-PS-DA0290-324-B Datasheet
126Kb / 2P
DC-AC INVERTER UNIT 6,5W DUAL OUTPUTS WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0308 POWER-SYSTEMS-CXA-0308 Datasheet
174Kb / 2P
DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0320 POWER-SYSTEMS-CXA-0320 Datasheet
106Kb / 2P
DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0321 POWER-SYSTEMS-CXA-0321 Datasheet
126Kb / 2P
DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0326 POWER-SYSTEMS-CXA-0326 Datasheet
39Kb / 2P
DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0338 POWER-SYSTEMS-CXA-0338 Datasheet
99Kb / 2P
DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0368 POWER-SYSTEMS-CXA-0368 Datasheet
49Kb / 2P
DC-AC INVERTER UNIT 8.0W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com