Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA-M1212-RJL Datasheet (PDF) - TDK Electronics

CXA-M1212-RJL Datasheet PDF - TDK Electronics
Part # CXA-M1212-RJL
Download  CXA-M1212-RJL Download
File Size   74.52 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs

CXA-M1212-RJL Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA-M1212-RJL Datasheet PDF - TDK Electronics

Part # CXA-M1212-RJL
Download  CXA-M1212-RJL Click to download

File Size   74.52 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs

CXA-M1212-RJL Datasheet (HTML) - TDK Electronics




Similar Part No. - CXA-M1212-RJL

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-M1212-RJL POWER-SYSTEMS-CXA-M1212-RJL Datasheet
109Kb / 2P
DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
More results


Similar Description - CXA-M1212-RJL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
CXA-L0612A-VJL TDK-CXA-L0612A-VJL Datasheet
106Kb / 2P
Power Supplies DC to AC Inverters For 1 Bulb, 5W Diming
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-K0505-VJL TDK-CXA-K0505-VJL Datasheet
57Kb / 2P
Power Supplies DC to AC Inverters Connector type, Dimming, 2W, For 1 Bulb
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
CXA-M1112-VJ TDK-CXA-M1112-VJ Datasheet
65Kb / 2P
DC to AC Inverters Connector type, Dimming, 7W, For 2 Bulbs
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
Connector type, Dimming, 7W, For 2 bulbs
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com