Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA-M1212-RJL Datasheet(PDF) 1 Page - TDK Electronics

Part # CXA-M1212-RJL
Description  DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-M1212-RJL Datasheet(HTML) 1 Page - TDK Electronics

  CXA-M1212-RJL Datasheet HTML 1Page - TDK Electronics CXA-M1212-RJL Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
001-01 / 20030905 / ea442_cxam1212.fm
Power Supplies
CXA Series CXA-M1212-RJL
DC to AC Inverters
Connector type, Dimming, 5W, For 2 Bulbs
FEATURES
• The CXA-M1212-RJL is an inverter for cold cathode fluorescent
lamps and features a built-in dimmer.
• Because they employ advanced output current control, fluctua-
tions in input voltage, load, and distributed capacitance have vir-
tually no effect on brightness.
• Output open and short circuit conditions result in no damage,
heat generation, or other difficulties.
• Safe design that includes a built-in overcurrent protection ele-
ment.
• Insulation is simplified due to flat backside surface of board.
TEMPERATURE AND HUMIDITY RANGES
SHAPES AND DIMENSIONS
TERMINAL NUMBERS AND FUNCTIONS
No.CN1
∗ Brightness can be controlled by adjusting VR within a range of 0 to 50kΩ.
CN2
CN3
Temperature range
(°C)
Operating 0 to +60
Storage
–30 to +85
Humidity range(%)RH
95max.
[Maximum wet-bulb temperature 38°C]
Connector manufacturer’s company and type
Symbol
1
Input connector
Morex Japan Co., Ltd.
53261-0590
CN1
2
Output connector
Japan Solderless Terminal Co., Ltd.
SM02(8.0)B-BHS-1
CN2
3
Output connector
Japan Solderless Terminal Co., Ltd.
SM02(8.0)B-BHS-1
CN3
CN2
CN3
1-1
1-5
112±0.3
2-ø3±0.2
140.5max.
(7)
1
PWB∗1
3
2
Weight: 15.5g typ.
Dimensions in mm
∗1 Substrate(PWB:Printed wiring board): Flame retardant material UL94V-0(FR-4 or CEM-3) t=1mm
∗2
: High-voltage generator (The entire surface within a range of 75mm away from the end of the base
in the output)
75∗2
Terminal No.
Functions
Symbol
CN1-1
Input voltage Edc: 9.6 to 14.4V 12V[nom.]
Vin
CN1-2
0V
GND
CN1-3
Remote voltage Edc 0V: off/5 to 14.4V:on
Vrmt
CN1-4
Brightness dimmer voltage∗ Edc: 0 to 50k
Ω
(Maximum brightness on 50k
Ω)
VR
CN1-5
Terminal No.
Functions
Symbol
CN3-1
Output 1[High voltage] Irms
2 to 6mA
VHIGH1
CN3-2
——
N.C.
CN3-3
Output 1[Low voltage]
(2V)
VLOW1
Terminal No.
Functions
Symbol
CN3-1
Output 2[High voltage] Irms
2 to 6mA
VHIGH2
CN3-2
——
N.C.
CN3-3
Output 2[Low voltage]
(2V)
VLOW2


Similar Part No. - CXA-M1212-RJL

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-M1212-RJL POWER-SYSTEMS-CXA-M1212-RJL Datasheet
109Kb / 2P
DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
More results

Similar Description - CXA-M1212-RJL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
CXA-L0612A-VJL TDK-CXA-L0612A-VJL Datasheet
106Kb / 2P
Power Supplies DC to AC Inverters For 1 Bulb, 5W Diming
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-K0505-VJL TDK-CXA-K0505-VJL Datasheet
57Kb / 2P
Power Supplies DC to AC Inverters Connector type, Dimming, 2W, For 1 Bulb
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
CXA-M1112-VJ TDK-CXA-M1112-VJ Datasheet
65Kb / 2P
DC to AC Inverters Connector type, Dimming, 7W, For 2 Bulbs
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
Connector type, Dimming, 7W, For 2 bulbs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com