Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA-M1212-RJL Datasheet(PDF) 2 Page - TDK Electronics

Part # CXA-M1212-RJL
Description  DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-M1212-RJL Datasheet(HTML) 2 Page - TDK Electronics

  CXA-M1212-RJL Datasheet HTML 1Page - TDK Electronics CXA-M1212-RJL Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
001-01 / 20030905 / ea442_cxam1212.fm
Power Supplies
CXA Series CXA-M1212-RJL
DC to AC Inverters
Connector type, Dimming, 5W, For 2 Bulbs
ELECTRICAL CHARACTERISTICS
TYPICAL CONNECTIONS
EXAMPLE OF POTENTIOMETER DIMMER CONTROL
NO DIMMER CONTROL
∗1 Vrmt (remote voltage) shall be ON after Vin was ON.
∗2 SW a: on, b:off
BRIGHTNESS DIMMER RESISTANCE-OUTPUT CURRENT
CHARACTERISTICS
Items
Unit
Symbol
Specifications
Conditions
Brightness
min.
typ.
max.
Vin(V)
VR(k
Ω)Ta(°C)
RL(k
Ω)
Output current Irms
mA
Iout1
5.3
6
6.7
9.6 to 14.4
50
0 to +60
50 to 70
Maximum
Iout2
5.3
6
6.7
9.6 to 14.4
50
0 to +60
50 to 70
Maximum
Iout1
5.5
6
6.5
12
50
23±5
60
Maximum
Iout2
5.5
6
6.5
12
50
23±5
60
Maximum
Iout1
1.7
2
2.3
12
0
23±5
180
Minimum
Iout2
1.7
2
2.3
12
0
23±5
180
Minimum
Input current Idc
A
Iin
—
0.47
0.75
9.6 to 14.4
0 to 50
0 to +60
50 to 70
Oscillation frequency
kHz
FL
33
39
45
9.6 to 14.4
50
0 to +60
50 to 70
Open circuit output voltage Erms
V
Vopen
1400
1500
—
9.6 to 14.4
0 to 50
0 to +60
∞
CN2-1
CN2-3
CN3-1
CN3-3
CN1-5
CN1-4
CN1-3
CN1-2
CN1-1
a
b
SW∗2
Vrmt∗1
5 to
14.4V
Vin
9.6 to
14.4V
RL
(CCFL)
RL
(CCFL)
CN2-1
CN2-3
CN3-1
CN3-3
CN1-5
CN1-4
CN1-3
CN1-2
CN1-1
Vin
9.6 to
14.4V
RL
(CCFL)
RL
(CCFL)
0
0
1
2
3
4
5
6
10
20
30
40
60
50
Brightness dimmer resistance VR(k
Ω)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com