Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501B Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS501B
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501B Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS501B Datasheet HTML 1Page - Integrated Device Technology ICS501B Datasheet HTML 2Page - Integrated Device Technology ICS501B Datasheet HTML 3Page - Integrated Device Technology ICS501B Datasheet HTML 4Page - Integrated Device Technology ICS501B Datasheet HTML 5Page - Integrated Device Technology ICS501B Datasheet HTML 6Page - Integrated Device Technology ICS501B Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS501B
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
3
ICS501B
REV F 051310
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS501B must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the GND. It must be connected close
to the ICS501B to minimize lead inductance. No
external power supply filtering is required for the
ICS501B.
Series Termination Resistor
A 33
Ωterminating resistor can be used next to the CLK
pin for trace lengths over one inch.
Crystal Load Capacitors
The total on-chip capacitance is approximately 12 pF. A
parallel resonant, fundamental mode crystal should be
used. The device crystal connections should include
pads for small capacitors from X1 to ground and from
X2 to ground. These capacitors are used to adjust the
stray capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal capacitors, if
needed, must be connected from each of the pins X1
and X2 to ground.
The value (in pF) of these crystal caps should equal (CL
-12 pF)*2. In this equation, CL= crystal load capacitance
in pF. Example: For a crystal with a 16 pF load
capacitance, each crystal capacitor would be 8 pF
[(16-12) x 2] = 8.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS501B. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.14
+5.25
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com