Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501B Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS501B
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501B Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS501B Datasheet HTML 1Page - Integrated Device Technology ICS501B Datasheet HTML 2Page - Integrated Device Technology ICS501B Datasheet HTML 3Page - Integrated Device Technology ICS501B Datasheet HTML 4Page - Integrated Device Technology ICS501B Datasheet HTML 5Page - Integrated Device Technology ICS501B Datasheet HTML 6Page - Integrated Device Technology ICS501B Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS501B
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
4
ICS501B
REV F 051310
DC Electrical Characteristics
VDD=5.0 V ±5% , Ambient temperature 0 to +70
° C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.14
5.25
V
Input High Voltage, ICLK only
VIH
ICLK (pin 1)
(VDD/2)+1
V
Input Low Voltage, ICLK only
VIL
ICLK (pin 1)
(VDD/2)-1
V
Input High Voltage
VIH
OE (pin 7)
2.0
V
Input Low Voltage
VIL
OE (pin 7)
0.8
V
Input High Voltage
VIH
S0, S1
VDD-0.5
V
Input Low Voltage
VIL
S0, S1
0.5
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
IDD Operating Supply Current
No load
20
mA
Short Circuit Current
CLK output
+70
mA
On-Chip Pull-up Resistor
Pin 7
270
k
Ω
Input Capacitance, S1, S0, and OE
Pins 4, 6, 7
4
pF
Nominal Output Impedance
20
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com