Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F03M Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT68F03M
Description  1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03M Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT68F03M Datasheet HTML 1Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 2Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Selection Table
Most features are common to all devices, the main feature distinguishing them are Memory capacity, A/D Converter,
Timer Module types and stack capacity. The following table summarises the main features of each device.
Part No.
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext.
Int.
A/D
Timer
Module
Comparator
DC-DC
Converter
Stack
Package
HT68F03M
1K
´14
64
´864´88
1
¾
10-bit CTM
´1,
10-bit STM
´1
1
Ö
4
16NSOP
HT68F04M
2K
´15
96
´864´88
1
¾
10-bit CTM
´1,
10-bit STM
´1
1
Ö
8
16NSOP
HT66F03M
1K
´14
64
´864´8
8
1
12-bit
´4
10-bit CTM
´1,
10-bit STM
´1
1
Ö
4
16NSOP
HT66F04M
2K
´15
96
´864´8
8
1
12-bit
´4
10-bit CTM
´1,
10-bit ETM
´1,
10-bit STM
´1
1
Ö
8
16NSOP
Block Diagram
The following block diagram illustrates the dual-chip structure of the devices, where an individual MCU and DC-DC
Converter devices are combined into a single package.
HT68F03M/HT68F04M/HT66F03M/HT66F04M
Rev. 1.10
2
May 24, 2010
H T 7 7 3 0
V S S
G N D
P A 0 / C + / A N 0
P A 1 / C - / A N 1 / V R E F
P A 2 / C X / [ T P 0 ] / A N 2
P A 3 / I N T / T C K 1 / T P 0 / A N 3
P A 4 / T C K 0 / T P 1
P A 5 / [ T P 0 ] / O S C 2
P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S
L X
C E
V D D
V O U T
H T 6 6 F 0 x
H T 6 8 F 0 x
Internal Chip Interconnection Diagram
Note that the HT68F0x devices do not contain VREF or ANx A/D converter pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com