Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F03M Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT68F03M
Description  1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03M Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT68F03M Datasheet HTML 1Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 2Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT68F03M/HT68F04M/HT66F03M/HT66F04M
1.5V Battery Flash Type
8-Bit MCU with EEPROM & DC-DC Converter
Rev. 1.10
1
May 24, 2010
Features
MCU Features
· Operating voltage: 3.0V (typ.)
· Power down and wake-up functions to reduce
power consumption
· Five oscillators:
- External High Speed Xtal
- External 32.768kHz Xtal
- External RC
- Internal High Speed -- no ext. components
- Internal 32kHz -- no ext. components
· Multi-mode operation: NORMAL, SLOW, IDLE and
SLEEP
· Fully integrated internal 4MHz, 8MHz and 12MHz
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· Up to 8 subroutine nesting levels
· Bit manipulation instruction
· Flash Program Memory: 1K´14~2K´15
· RAM Data Memory: 64´8~96´8
· EEPROM Memory: 64´8
· Watchdog Timer function
· Up to 8 bidirectional I/O lines
· External interrupt line shared with I/O pin
· Multiple Timer Module for time measure, input
capture, compare match output, PWM output or
single pulse output functions
· Comparator function
· Dual Time-Base functions for generation of fixed
time interrupt signal
· Low voltage reset function
· Low voltage detect function
· Multi-channel 12-bit resolution A/D converter
DC-DC converter Features
· 3.0V ± 2.5% output voltage
· 0.7V start-up voltage
· Output current up to 100mA
· High efficiency: 85% (typ.) at VOUT=3V
General Description
This series of devices are Flash Memory type 8-bit high
performance RISC architecture microcontrollers. Offer-
ing users the convenience of Flash Memory
multi-programming features, these devices also include
a wide range of functions and features, among which is
their internal DC-DC Converter allowing low voltage op-
eration. In addition to their Flash Program Memory there
is also area of RAM Data Memory and an area of
EEPROM memory for storage of non-volatile data such
as serial numbers, calibration data etc.
Analog features include a multi-channel 12-bit A/D con-
verter and comparator functions. Multiple and extremely
flexible Timer Modules provide timing, pulse generation
and PWM generation functions. Protective features
such as an internal Watchdog Timer, Low Voltage Reset
and Low Voltage Detector coupled with excellent noise
immunity and ESD protection ensure that reliable oper-
ation is maintained in hostile electrical environments.
An extensive choice of oscillator functions is provided
including a fully integrated system oscillator which re-
quires no external components for its implementation.
The ability to operate and switch dynamically between a
range of operating modes using different clock sources
gives users the ability to optimise microcontroller opera-
tion and minimise power consumption. The devices also
include flexible I/O programming features Time-Base
functions and a range of other features.
The internal PFM type step-up DC-DC Converter allows
the MCU to be powered from low voltage sources, and
has the advantages of high efficiency and low ripple.
With a fixed and accurate 3.0V output voltage and ex-
tremely low 0.7V start-up voltage, these MCU devices
will be especially suitable for battery-powered applica-
tions, portable handheld equipment etc.


Similar Part No. - HT68F03M

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F03 HOLTEK-HT68F03 Datasheet
1Mb / 139P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F03 HOLTEK-HT68F03 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F03C HOLTEK-HT68F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F03T3 HOLTEK-HT68F03T3 Datasheet
152Kb / 14P
8-Bit Flash MCU with RF Transmitter
More results

Similar Description - HT68F03M

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45FM03B HOLTEK-HT45FM03B Datasheet
559Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
December 16, 2009
HT46R01M HOLTEK-HT46R01M Datasheet
443Kb / 69P
1.5V Battery 8-Bit OTP MCU
December 18, 2009
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
1.5V Battery 8-Bit OTP MCU
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C HOLTEK-HT45FM2C Datasheet
5Mb / 171P
Brushless DC Motor Flash Type 8-Bit MCU
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
HT66FM5230 HOLTEK-HT66FM5230 Datasheet
5Mb / 176P
Brushless DC Motor Flash Type 8-Bit MCU
May 13, 2013
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com