Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.00
33
March 19, 2010
Interrupt Priority
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In case of simultaneous requests, the
accompanying table shows the priority that is applied.
Interrupt Source
Interrupt Vector Priority
External Interrupt
04H
1
Timer 0 Overflow
08H
2
Timer 1 Overflow
0CH
3
Timer 2 Overflow
10H
4
Timer 3 Overflow
14H
5
A/D Converter Overflow
18H
6
In cases where both external the timer interrupts are en-
abled and where an external and timer interrupt occur
simultaneously, the external interrupt will always have
priority and will therefore be serviced first. Suitable
masking of the individual interrupts using the INTC and
INTCH registers can prevent simultaneous occur-
rences.
External Interrupt
Each device contains a single external interrupt function
controlled by the external pin, INT. For an external inter-
rupt to occur, the corresponding external interrupt en-
able bit must be first set. This is bit 1 of the INTC register
and known as EEI. An external interrupt is triggered by
an external edge transition on the external interrupt pin
INT, after which the related interrupt request flag, EIF,
which is bit 4 of INTC, will be set. A configuration option
exists for the external interrupt pin to determine the type
of external edge transition which will trigger an external
interrupt. There are two options available, a low going
edge or both high and low going edges. When the mas-
ter interrupt and external interrupt bits are enabled, the
stack is not full and an active edge transition, as setup in
the configuration options, occurs on the INT pin, a sub-
routine call to the corresponding external interrupt vec-
tor, which is located at 04H, will occur. After entering the
interrupt execution routine, the corresponding interrupt
request flag, EIF, will be reset and the EMI bit will be
cleared to disable other interrupts.
Timer Interrupt
For a timer generated interrupt to occur, the correspond-
ing timer interrupt enable bit must be first set. Each de-
vice contains four 8-bit timers whose corresponding
interrupt enable bits are known as ET0I, ET1I, ET2I and
ET3I and are located in the INTC and INTCH registers.
Each timer also has a corresponding timer interrupt re-
quest flag, which are known as T0F, T1F, T2F and T3F,
also located in the INTC and INTCH registers. When the
master interrupt and corresponding timer interrupt en-
able bits are enabled, the stack is not full, and when the
corresponding timer overflows a subroutine call to the
corresponding timer interrupt vector will occur. The cor-
responding Program Memory vector locations for Timer
0, Timer1, Timer 2 and Timer 3 are 08H, 0CH, 10H and
14H. After entering the interrupt execution routine, the
corresponding interrupt request flags, T0F, T1F, T2F or
T3F will be reset and the EMI bit will be cleared to dis-
able other interrupts.
A/D Converter Interrupt
The internal A/D Converter interrupt is initialised by set-
ting the A/D interrupt request flag (ADF:bit6 of INTCH).
When the interrupt is enabled, and the stack is not full
and the ADF bit is set, a subroutine call to location
²18H²
will occur. The related interrupt request flag, ADF, will be
reset and the EMI bit cleared to disable further interrupts.
Programming Considerations
By disabling the interrupt enable bits, a requested inter-
rupt can be prevented from being serviced, however,
once an interrupt request flag is set, it will remain in this
condition in the INTC or INTCH register until the corre-
sponding interrupt is serviced or until the request flag is
cleared by a software instruction.
It is recommended that programs do not use the
²CALL
subroutine
² instruction within the interrupt subroutine.
Interrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications. If
only one stack is left and the interrupt is not well con-
trolled, the original control sequence will be damaged
once a
²CALL subroutine² is executed in the interrupt
subroutine.
All of these interrupts have the capability of waking up
the MCU when in the Power Down Mode. Only the Pro-
gram Counter is pushed onto the stack. If the contents of
the register or status register are altered by the interrupt
service program, which may corrupt the desired control
sequence, then the contents should be saved in ad-
vance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com