Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86AR72 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT86AR72 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
HT86Axx/HT86ARxx
A/D Type Voice 8-Bit MCU
Rev. 1.00
1
March 19, 2010
General Description
The devices are Voice type series 8-bit high perfor-
mance microcontrollers which include a voice
synthesiser and tone generator. They are specifically
designed for applications which require multiple I/Os
and sound effects, such as voice and melodies. They
can provide various sampling rates and beats, tone
levels, tempos for speech synthesisers and melody
generators. They also include an integrated high
quality, voltage type DAC output, an integrated series
protocol interface, multi-channel A/D Converter and
integrated power amplifier for speaker driving. The ex-
ternal interrupt can be triggered with falling edges or
both falling and rising edges.
The devices are fully supported by the Holtek range of
fully functional development and programming tools,
providing a means for fast and efficient product devel-
opment cycles.
Features
· HT86AXX Operating voltage: 2.0V~5.5V
HT86ARXX Operating voltage: 2.2V~5.5V
· System clock: 4MHz~8MHz
· Crystal and RC system oscillator
· 40 I/O pins
· 8K´16-bit Program Memory
· 384´8-bit Data Memory
· 768/1536K-bit voice ROM size
· 36/72 sec voice length
· External interrupt input
· 12-bit high quality voltage type D/A output
· 4 channels 12-bit resolution A/D Converter
· SPI series protocol interface
· Integrated 1W power amplifier to drive 8W Speaker
· Four 8-bit programmable Timer with overflow
interrupt and 7-stage prescaler
· One optional 32768Hz crystal oscillator for RTC
time base
· 8-bit counter with 3-bit prescaler
· Watchdog timer function
· 8-level subroutine nesting
· Low voltage reset and low voltage detect function
· Integrated voice ROM with various capacities
· Power-down function and wake-up feature reduce
power consumption
· Up to 0.5ms instruction cycle with 8MHz system
clock at VDD=5V
· 63 powerful instructions
· 44-pin QFP and 64-pin LQFP packages
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT86AR72

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86AR72 HOLTEK-HT86AR72 Datasheet
468Kb / 68P
A/D Type Voice 8-Bit MCU
December 12, 2012
More results

Similar Description - HT86AR72

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
A/D Type 8-Bit MCU
May 3, 2004
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
A/D Type 8-Bit MCU
March 9, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
A/D Type 8-Bit MCU
December 29, 2008
HT86AXX HOLTEK-HT86AXX Datasheet
428Kb / 68P
A/D Type Voice 8-Bit MCU
HT86A36 HOLTEK-HT86A36_12 Datasheet
468Kb / 68P
A/D Type Voice 8-Bit MCU
December 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com